Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3803X Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

No. de pieza UC3803X
Descripción Electrónicos  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC3803X Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button UC3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Page 11
2004.10.27
Single Color φ3 Flush Mount Round Shape Type
U□38□3X Series
Technical Data(UC)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Condition : Ta = 25℃
Duty (%)


Número de pieza similar - UC3803X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800 Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BG-S08-R UTC-UC3800BG-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BL-S08-R UTC-UC3800BL-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800G-S08-R UTC-UC3800G-S08-R Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Descripción similar - UC3803X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com