Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC5305S Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

No. de pieza UC5305S
Descripción Electrónicos  Single Color Ultra High Brightness ?5 Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Página de inicio  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC5305S Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  UC5305S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC5305S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electro-Optical Characteristics
Page 4
2004.10.29
Single Color Ultra High Brightness φ5 Type
U□53□5S Series
Conditions
UB
UC
UG
UY
UR
TYP.
3.7
3.7
3.7
2.2
2.2
MAX.
4.2
4.2
4.2
2.8
2.8
Reverse Current
VR=5V
IR
MAX.
100
100
100
100
100
μA
Peak Wavelength
IF=20mA
λp
TYP.
465
502
517
592
641
nm
Dominant
Wavelength
IF=20mA
λd
TYP.
470
505
525
590
630
nm
Spectral Line Half
Width
IF=20mA
⊿λ
TYP.
26
30
35
18
18
nm
Half Intensity Angle
IF=20mA
2θ1/2
TYP.
3030
3032
32
deg.
Item
Symbol
Unit
Forward Voltage
IF=20mA
VF
V
Characteristics
(Ta=25℃)


Número de pieza similar - UC5305S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301G-S08-R UTC-UC5301G-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301G-S08-R UTC-UC5301G-S08-R Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
194Kb / 6P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
278Kb / 8P
   SWITCHED-CAPACITOR VOLTAGE INVERTERS
More results

Descripción similar - UC5305S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STANLEY ELECTRIC CO.,LT...
H-3000L STANLEY-H-3000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
UB5304X STANLEY-UB5304X Datasheet
332Kb / 24P
   Single Color Ultra High Brightness ?5 Type
UB5306X STANLEY-UB5306X Datasheet
319Kb / 24P
   Single Color Ultra High Brightness ?5 Type
1111C STANLEY-1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
   Single Color Ultra High Brightness Type
UB1113F STANLEY-UB1113F_12 Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
HUB1105W-TR STANLEY-HUB1105W-TR Datasheet
337Kb / 20P
   Single Color Ultra High Brightness Type
1105W STANLEY-1105W Datasheet
606Kb / 16P
   Single Color Ultra High Brightness Type
UR1113F-TR STANLEY-UR1113F-TR Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
HUB1105W STANLEY-HUB1105W Datasheet
330Kb / 20P
   Single Color Ultra High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com