Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD844AN Datasheet(PDF) 2 Page - Analog Devices

No. de pieza AD844AN
Descripción Electrónicos  60 MHz, 2000 V/us Monolithic Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD844AN Datasheet(HTML) 2 Page - Analog Devices

  AD844AN Datasheet HTML 1Page - Analog Devices AD844AN Datasheet HTML 2Page - Analog Devices AD844AN Datasheet HTML 3Page - Analog Devices AD844AN Datasheet HTML 4Page - Analog Devices AD844AN Datasheet HTML 5Page - Analog Devices AD844AN Datasheet HTML 6Page - Analog Devices AD844AN Datasheet HTML 7Page - Analog Devices AD844AN Datasheet HTML 8Page - Analog Devices AD844AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. D
–2–
AD844–SPECIFICATIONS
AD844J/A
AD844B
AD844S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
1
50
300
50
150
50
300
µV
TMIN–TMAX
75
500
75
200
125
500
µV
vs. Temperature
1
1
5
1
5
µV/°C
vs. Supply
5 V–18 V
Initial
4
20
4
10
4
20
µV/V
TMIN–TMAX
44
10
4
20
µV/V
vs. Common Mode
VCM =
±10 V
Initial
10
35
10
20
10
35
µV/V
TMIN–TMAX
10
10
20
10
35
µV/V
INPUT BIAS CURRENT
–Input Bias Current
1
200
450
150
250
200
450
nA
TMIN–TMAX
800
1500
750
1100
1900
2500
nA
vs. Temperature
9
9
15
20
30
nA/
°C
vs. Supply
5 V–18 V
Initial
175
250
175
200
175
250
nA/V
TMIN–TMAX
220
220
240
220
300
nA/V
vs. Common Mode
VCM =
±10 V
Initial
90
160
90
110
90
160
nA/V
TMIN–TMAX
110
110
150
120
200
nA/V
+Input Bias Current
1
150
400
100
200
100
400
nA
TMIN–TMAX
350
700
300
500
800
1300
nA
vs. Temperature
3
3
7
7
15
nA/
°C
vs. Supply
5 V–18 V
Initial
80
150
80
100
80
150
nA/V
TMIN–TMAX
100
100
120
120
200
nA/V
vs. Common Mode
VCM =
±10 V
Initial
90
150
90
120
90
150
nA/V
TMIN–TMAX
130
130
190
140
200
nA/V
INPUT CHARACTERISTICS
Input Resistance
–Input
50
65
50
65
50
65
+Input
7
10
7
10
7
10
M
Input Capacitance
–Input
2
2
2
pF
+Input
2
2
2
pF
Input Voltage Range
Common Mode
±10
±10
±10
V
INPUT VOLTAGE NOISE
f
≥ 1 kHz
2
2
2
nV/
√Hz
INPUT CURRENT NOISE
–Input
f
≥ 1 kHz
10
10
10
pA/
√Hz
+Input
f
≥ 1 kHz
12
12
12
pA/
√Hz
OPEN LOOP TRANSRESISTANCE
VOUT =
±10 V
RLOAD = 500
2.2
3.0
2.8
3.0
2.2
3.0
M
TMIN–TMAX
1.3
2.0
1.6
2.0
1.3
1.6
M
Transcapacitance
4.5
4.5
4.5
pF
DIFFERENTIAL GAIN ERROR
2
f = 4.4 MHz
0.03
0.03
0.03
%
DIFFERENTIAL PHASE ERROR
2
f = 4.4 MHz
0.15
0.15
0.15
Degree
FREQUENCY RESPONSE
Small Signal Bandwidth
Gain = –1
3
60
60
60
MHz
Gain = –10
4
33
33
33
MHz
TOTAL HARMOMIC DISTORTION
f = 100 kHz,
2 V rms
5
0.005
0.005
0.005
%
SETTLING TIME
10 V Output Step
±15 V Supplies
Gain = –1, to 0.1%
5
100
100
100
ns
Gain = –10, to 0.1%
6
100
100
100
ns
2 V Output Step
±5 V Supplies
Gain = –1, to 0.1%
5
110
110
110
ns
Gain = –10, to 0.1%
6
100
100
100
ns
(@ TA = 25 C and VS =
15 V dc, unless otherwise noted)


Número de pieza similar - AD844AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
More results

Descripción similar - AD844AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_15 Datasheet
422Kb / 20P
   60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
TLV9051 TI1-TLV9051_19 Datasheet
2Mb / 50P
[Old version datasheet]   5-MHz, 15-V/us high slew-rate, RRIO op amp
logo
Linear Technology
LT1357 LINER-LT1357 Datasheet
288Kb / 12P
   25MHz, 600V/us Op Amp
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
logo
Linear Technology
LT1354 LINER-LT1354 Datasheet
296Kb / 12P
   12MHz, 400V/us Op Amp
LT1363 LINER-LT1363 Datasheet
251Kb / 12P
   70MHz, 1000V/us Op Amp
LT1360 LINER-LT1360 Datasheet
263Kb / 16P
   50MHz, 800V/us Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com