Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD3120H Datasheet(PDF) 2 Page - Powerex Power Semiconductors

No. de pieza CSD3120H
Descripción Electrónicos  Single SCR POW-R-BLOK??Modules 400 Amperes/1200-1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CSD3120H Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CSD3120H Datasheet HTML 1Page - Powerex Power Semiconductors CSD3120H Datasheet HTML 2Page - Powerex Power Semiconductors CSD3120H Datasheet HTML 3Page - Powerex Power Semiconductors CSD3120H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S-6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CSD3120H, CSD3160H
Single SCR POW-R-BLOK™ Modules
400 Amperes/1200-1600 Volts
Absolute Maximum Ratings
Characteristics
Symbol
CSD3120H
CSD3160H
Units
Peak Forward Blocking Voltage
VDRM
1200
1600
Volts
Transient Peak Forward Blocking Voltage (Non-Repetitive) t < 5ms
VDSM
1350
1700
Volts
DC Forward Blocking Voltage
VD(DC)
960
1280
Volts
Peak Reverse Blocking Voltage
VRRM
1200
1600
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
1350
1700
Volts
DC Reverse Blocking Voltage
VR(DC)
960
1280
Volts
RMS On-State Current
IT(RMS)
620
620
Amperes
Average On-State Current, TC = 66°C
IT(AV)
400
400
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
ITSM
8000
8000
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
ITSM
7300
7300
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
267,000
267,000
A2sec
Critical Rate-Of-Rise of On-State Current*
di/dt
100
100
Amperes/ s
Peak Gate Power Dissipation
PGM
10
10
Watts
Average Gate Power Dissipation
PG(AV)
3
3
Watts
Peak Forward Gate Voltage
VGFM
10
10
Volts
Peak Reverse Gate Voltage
VGRM
5.0
5.0
Volts
Peak Forward Gate Current
IGFM
4.0
4.0
Amperes
Storage Temperature
TSTG
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Maximum Mounting Torque M5 Mounting Screw
17
17
in.-lb.
Maximum Mounting Torque M8 Terminal Screw
72
72
in.-lb.
Module Weight (Typical)
450
450
Grams
V Isolation
VRMS
2500
2500
Volts
*Tj = 125°C, IG = 1.0A, VD = 1/2 VDRM


Número de pieza similar - CSD3120H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CSD313 CDIL-CSD313 Datasheet
129Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTOR
logo
Rectron Semiconductor
CSD313 RECTRON-CSD313 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Continental Device Indi...
CSD313C CDIL-CSD313C Datasheet
129Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTOR
CSD313D CDIL-CSD313D Datasheet
129Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTOR
CSD313E CDIL-CSD313E Datasheet
129Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTOR
More results

Descripción similar - CSD3120H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM421290 POWEREX-CM421290 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM531220 POWEREX-CM531220 Datasheet
81Kb / 4P
   Dual SCR POW-R-BLOK??Modules 200 Amperes/1200-1600 Volts
CM421255 POWEREX-CM421255 Datasheet
94Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM431290 POWEREX-CM431290 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM4312A2 POWEREX-CM4312A2 Datasheet
79Kb / 4P
   Dual SCR POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM521213 POWEREX-CM521213 Datasheet
81Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 130 Amperes/1200-1600 Volts
CSD3080H POWEREX-CSD3080H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/800 Volts
CD411230 POWEREX-CD411230 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com