Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SB550 Datasheet(PDF) 2 Page - Pan Jit International Inc. |
|
SB550 Datasheet(HTML) 2 Page - Pan Jit International Inc. |
2 / 2 page PAGE . 2 STAD-FEB.21.2005 R ATING AND CHARACTERISTIC CURVES Fig.1- FORWARD CURRENT DERATING CURVE Fig.2- TMAXIMUM NON - REPETITIVE SURGE CURRENT LEAD TEMPERATURE, C O NO. OF CYCLE AT 60HZ 240 210 180 150 120 90 60 30 0 12 5 10 20 50 100 8.3ms Single Half Since-Wave JEDEC Method SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" 9.5m m LEAD LENGTH 0 20 40 60 80 100 120 140 160 180 4 3 2 1 0 5 Fig.3- TYPICAL REVERSE CHARACTERISTIC T =100 C J O T= C J25 O V =20-40V V =50-60V V =80-100V RRM RRM RRM 20 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE, % Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTIC 0.2 0.1 1.0 10 0.4 0.6 0.8 1.0 T=25 C A O 20-40V 50-60V 80-100V FORWARD VOLTAGE, VOLTS |
Número de pieza similar - SB550 |
|
Descripción similar - SB550 |