Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBU8G Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza SBU8G
Descripción Electrónicos  SILICON SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBU8G Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SBU8G Datasheet HTML 1Page - Pan Jit International Inc. SBU8G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JAN.29.2007
SBU8A~SBU8M
RATING AND CHARACTERISTIC CURVES
TEMPERATURE, C
O
PERCENT OF PEAK REVERE VOLTAGE,%
8
6
.
.
0
0
4.0
2.0
0
0
50
100
150
Fig.1 - DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER ELEMENT
10
1.0
0.1
0.01
02040
6080
100
120
140
Fig.3 - TYPICAL REVERSE CHARACTERISTICS
T=25 C
A
O
T =100 C
A
O
NO. OF CYCLES AT 60Hz
Fig.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Fig.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.5"(12.7mm) LEAD LENGTH
60Hz RESISTIVE OR INDUCTIVE LOAD
HEAT-SINK
MOUNTING, TC
(4x4x0.15)INCH
COPPER PLATE
12
6
10
20
40
60
100
250
200
150
100
50
0
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
TJ=25 C
Pulse Width = 300us
1% DULY Cycle
O
400
100
50
10
1
5
10
50
100
T=25 C
f=1MHz
Visg=50m Vp-p
J
O


Número de pieza similar - SBU8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIOTEC Electronics Corp...
SBU8G DEC-SBU8G Datasheet
448Kb / 2P
   8 AMP SILICON BRIDGE RECTIFIERS
More results

Descripción similar - SBU8G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com