Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74GTLPH16912 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74GTLPH16912
Descripción Electrónicos  18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16912 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74GTLPH16912_07 Datasheet HTML 3Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 4Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 5Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 6Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 7Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 8Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 9Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 10Page - Texas Instruments SN74GTLPH16912_07 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Electrical Characteristics
Hot-Insertion Specifications for A Port
SN74GTLPH16912
18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SCES288C – OCTOBER 1999 – REVISED JUNE 2005
over recommended operating free-air temperature range for GTLP (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
VOH
A port
IOH = –12 mA
2.4
V
VCC = 3.15 V
IOH = –24 mA
2
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
A port
IOL = 12 mA
0.4
VCC = 3.15 V
IOL = 24 mA
0.5
VOL
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
V
IOL = 10 mA
0.2
B port
VCC = 3.15 V
IOL = 40 mA
0.4
IOL = 50 mA
0.55
VI = 0 or VCC
±10
A-port and
control inputs
II(2)
VCC = 3.45 V
VI = 5.5 V
±20
µA
B port
VI = 0 to 1.5 V
±10
IBHL(3)
A port
VCC = 3.15 V,
VI = 0.8 V
75
µA
IBHH(4)
A port
VCC = 3.15 V,
VI = 2 V
–75
µA
IBHLO(5)
A port
VCC = 3.45 V,
VI = 0 to VCC
500
µA
IBHHO(6)
A port
VCC = 3.45 V,
VI = 0 to VCC
–500
µA
Outputs high
50
VCC = 3.45 V, IO = 0,
ICC
A or B port
VI (A-port or control input) = VCC or GND,
Outputs low
50
mA
VI (B port) = VTT or GND
Outputs disabled
50
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
∆I
CC
(7)
1.5
mA
Other A-port or control inputs at VCC or GND
Ci
Control inputs
VI = 3.15 V or 0
4
5.5
pF
A port
VO = 3.15 V or 0
7
8.5
Cio
pF
B port
VO = 1.5 V or 0
8.5
9.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For I/O ports, the parameter II includes the off-state output leakage current.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VILmax. IBHL should be measured after lowering VIN to GND
and then raising it to VILmax.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIHmin. IBHH should be measured after raising VIN to VCC
and then lowering it to VIHmin.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
(7)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Ioff
VCC = 0,
BIAS VCC = 0,
VI or VO = 0 to 5.5 V
10
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = 0
±30
µA
7


Número de pieza similar - SN74GTLPH16912_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

Descripción similar - SN74GTLPH16912_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP36T612 FAIRCHILD-GTLP36T612 Datasheet
78Kb / 8P
   36-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com