Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2006 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2006
Descripción Electrónicos  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2006 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSC2006 Datasheet HTML 7Page - Texas Instruments TSC2006 Datasheet HTML 8Page - Texas Instruments TSC2006 Datasheet HTML 9Page - Texas Instruments TSC2006 Datasheet HTML 10Page - Texas Instruments TSC2006 Datasheet HTML 11Page - Texas Instruments TSC2006 Datasheet HTML 12Page - Texas Instruments TSC2006 Datasheet HTML 13Page - Texas Instruments TSC2006 Datasheet HTML 14Page - Texas Instruments TSC2006 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
www.ti.com
OVERVIEW
X+
Y+
X-
Y-
AuxilaryInput
AGND
AGND
TSC2006
SNSGND
DGND
1 F
m
1.6VDC
0.1 F
m
Touch
Screen
GPIO
GPIO
SDI
SCLK
SDO
CS
Host
Processor
PINTDAV
RESET
SDO
SCLK
1 F
m
0.1 F
m
1 F
m
0.1 F
m
(
isoptional;
softwareimplementation
pollingoftheStatus
registerispossible)
PINTDAV
TSC2006
SBAS415A – JUNE 2007 – REVISED NOVEMBER 2007
The TSC2006 is an analog interface circuit for a human interface touch screen device. A register-based
architecture eases integration with microprocessor-based systems through a standard SPI bus. All peripheral
functions are controlled through the registers and onboard state machines. The TSC2006 features include:
• Very low-power touch screen controller
• Very small onboard footprint
• Relieves host from tedious routine tasks by flexible preprocessing, saving resources for more critical tasks
• Ability to work on very low supply voltage
• Minimal connection interface allows easiest isolation and reduces the number of dedicated I/O pins required
• Miniature, yet complete; requires no external supporting component. (NOTE: Although the TSC2006 can use
an external reference, it is also possible to use SNSVDD as the reference.)
• Enhanced ESD protection up to 8kV
The TSC2006 consists of the following blocks (refer to the block diagram on the front page):
• Touch Screen Interface
• Auxiliary Input (AUX)
• Temperature Sensor
• Acquisition Activity Preprocessing
• Internal Conversion Clock
• SPI Interface
Communication with the TSC2006 is done via an SPI serial interface. The TSC2006 is an SPI slave device;
therefore, data are shifted into or out of the TSC2006 under the control of the host microprocessor, which also
provides the serial data clock.
Control of the TSC2006 and its functions is accomplished by writing to different registers in the TSC2006. A
simple serial command protocol (compatible with SPI), is used to address these registers.
The measurement result is placed in the TSC2006 registers and may be read by the host at any time. This
preprocessing frees up the host so that resources can be redirected for more critical tasks. Two optional signals
are also available from the TSC2006 to indicate that data are available for the host to read. PINTDAV is a
programmable interrupt/status output pin that can be programmed to indicate a pen-touch, data available, or the
combination of both. Figure 23 shows a typical application of the TSC2006.
Figure 23. Typical Circuit Configuration
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSC2006


Número de pieza similar - TSC2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2006 TI1-TSC2006 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJR TI1-TSC2006IRTJR Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJT TI1-TSC2006IRTJT Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006IRTJTG4 TI1-TSC2006IRTJTG4 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results

Descripción similar - TSC2006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com