Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AVC2T45GT Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AVC2T45GT
Descripción Electrónicos  Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC2T45GT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AVC2T45GT Datasheet HTML 7Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 8Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 9Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 10Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 11Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 12Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 13Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 14Page - NXP Semiconductors 74AVC2T45GT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
74AVC2T45_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 July 2007
11 of 28
NXP Semiconductors
74AVC2T45
Dual-bit, dual-supply voltage level translator/transceiver; 3-state
tdis
disable time
DIR to A; see Figure 6
[3]
VCC(B) = 0.8 V
-
4.9
-
-
-
-
ns
VCC(B) = 1.1 V to 3.6 V
-
-
-
2.2
8.8
9.7
ns
DIR to B; see Figure 6
[3]
VCC(B) = 0.8 V
-
9.2
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
2.2
8.4
9.2
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
1.8
6.7
7.4
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
2.0
6.9
7.6
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
1.7
6.2
6.9
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
2.4
7.2
8.0
ns
ten
enable time
DIR to A; see Figure 6
[4][5]
VCC(B) = 0.8 V
-
17.3
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
-
17.4
19.1
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
-
14.7
16.2
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
-
14.6
16.1
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
-
13.4
14.9
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
-
14.3
15.9
ns
DIR to B; see Figure 6
[4][5]
VCC(B) = 0.8 V
-
17.6
-
-
-
-
ns
VCC(B) = 1.1 V to 1.3 V
-
-
-
-
17.8
19.6
ns
VCC(B) = 1.4 V to 1.6 V
-
-
-
-
15.6
17.2
ns
VCC(B) = 1.65 V to 1.95 V
-
-
-
-
14.9
16.5
ns
VCC(B) = 2.3 V to 2.7 V
-
-
-
-
14.5
16.0
ns
VCC(B) = 3.0 V to 3.6 V
-
-
-
-
14.9
16.5
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)


Número de pieza similar - 74AVC2T45GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVC2T45GT NXP-74AVC2T45GT Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
74AVC2T45GT NXP-74AVC2T45GT Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
logo
Nexperia B.V. All right...
74AVC2T45GT NEXPERIA-74AVC2T45GT Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
74AVC2T45GT-Q100 NEXPERIA-74AVC2T45GT-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
More results

Descripción similar - 74AVC2T45GT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AVCH2T45 PHILIPS-74AVCH2T45 Datasheet
143Kb / 29P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 01-3 July 2007
logo
Nexperia B.V. All right...
74AVCH2T45 NEXPERIA-74AVCH2T45 Datasheet
340Kb / 22P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 8 - 7 December 2022
logo
NXP Semiconductors
74AVCH2T45 NXP-74AVCH2T45 Datasheet
160Kb / 31P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 03-6 May 2009
74AVC2T45 PHILIPS-74AVC2T45_15 Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVCH2T45 PHILIPS-74AVCH2T45_15 Datasheet
243Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 6-2 April 2013
logo
Nexperia B.V. All right...
74AVCH2T45-Q100 NEXPERIA-74AVCH2T45-Q100 Datasheet
289Kb / 18P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 1 - 7 December 2022
logo
NXP Semiconductors
74AVC2T45DP NXP-74AVC2T45DP Datasheet
249Kb / 27P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 7-8 February 2013
74AVC2T45 NXP-74AVC2T45_09 Datasheet
167Kb / 32P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AVC2T45-Q100 NEXPERIA-74AVC2T45-Q100 Datasheet
299Kb / 20P
   Dual-bit, dual-supply voltage level translator/transceiver 3-state
74AVC2T45 NEXPERIA-74AVC2T45 Datasheet
362Kb / 25P
   Dual-bit, dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 4 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com