|
| 2N3055 |
|
||
|
TEL |
|
3 page
2N3055 NPN MJ2955 PNP TO-3 Metal Can Package TO-3 Metal Can Package TO-3 100 pcs/pkt 1.3 kg/100 pcs 12.5" x 8" x 1.8" 0.1K 17" x 11.5" x 21" 2K 27.5 kgs PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Detail A D F J M 2 1 B DIM MIN. MAX. A — 39.37 B — 22.22 C 6.35 8.50 D 0.96 1.09 E — 1.77 F 29.90 30.40 G 10.69 11.18 H 5.20 5.72 J 16.64 17.15 K 11.15 12.25 L — 26.67 M 3.84 4.19 3 PIN CONFIGURATION 1. BASE 2. EMITTER 3. COLLECTOR 2 1 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| FZT604 | SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS | 1 2 3 | Zetex Semiconductors |
| 2N6728 | PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSP31 | SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSP40 | SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSP41 | SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSR31 | SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSR40 | SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| BSR41 | SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
| FMMTA05 | SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS | 1 | Zetex Semiconductors |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |