Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR821ARMZ-REEL71 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADR821ARMZ-REEL71
Descripción Electrónicos  Low Power, Precision Reference and Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR821ARMZ-REEL71 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR821ARMZ-REEL71 Datasheet HTML 7Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 8Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 9Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 10Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 11Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 12Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 13Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 14Page - Analog Devices ADR821ARMZ-REEL71 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
REFERENCE
2.512
2.488
–40
125
TEMPERATURE (°C)
2.508
2.504
2.500
2.496
2.492
–25 –10
5
20
35
50
65
80
95
110
CIN = 0.1µF
COUT = 0.1µF
VIN = 15V
Figure 3. ADR821 VOUT vs. Temperature
4
–2
125
TEMPERATURE (°C)
–40 –25 –10
5
20
35
50
65
80
95
110
3
2
1
0
–1
CIN = 0.1µF
COUT = 0.1µF
VIN = 15V
Figure 4. ADR821 Line Regulation vs. Temperature
0.40
0.05
2.5
15.0
SUPPLY VOLTAGE (±V)
0.35
0.30
0.25
0.20
0.15
0.10
5.0
7.5
10.0
12.5
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 5. ADR821 Supply Current (+) vs. Supply Voltage
1.260
1.240
–40
125
TEMPERATURE (°C)
1.258
1.256
1.254
1.252
1.250
1.248
1.246
1.244
1.242
–25 –10
5
20
355065
8095
110
CIN = 0.1µF
COUT = 0.1µF
VIN = 15V
Figure 6. ADR827 VOUT vs. Temperature
14
0
125
TEMPERATURE (°C)
12
10
8
6
4
2
CIN = 0.1µF
COUT = 0.1µF
VIN = 15V
–40 –25 –10
5
20
35
50
65
80
95
110
Figure 7. ADR827 Line Regulation vs. Temperature
0.40
0
2.5
15.0
SUPPLY VOLTAGE (±V)
0.35
0.30
0.25
0.20
0.15
0.10
0.05
5.0
7.5
10.0
12.5
CIN = 0.1µF
COUT = 0.1µF
+125°C
+25°C
–40°C
Figure 8. ADR827 Supply Current (+) vs. Supply Voltage


Número de pieza similar - ADR821ARMZ-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
ADR821 AD-ADR821_15 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
More results

Descripción similar - ADR821ARMZ-REEL71

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR821 AD-ADR821_15 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
ADR827 AD-ADR827_15 Datasheet
612Kb / 20P
   Low Power, Precision Reference and Op Amp
Rev. 0
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
   Low Power Op Amp and Reference
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
   Low Power Op Amp and Reference
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
   Low-Power, Single-Supply Op Amp Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com