Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAQ2P821MEL Datasheet(PDF) 2 Page - Nichicon corporation

No. de pieza LAQ2P821MEL
Descripción Electrónicos  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NICHICON [Nichicon corporation]
Página de inicio  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAQ2P821MEL Datasheet(HTML) 2 Page - Nichicon corporation

  LAQ2P821MEL Datasheet HTML 1Page - Nichicon corporation LAQ2P821MEL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
AQ
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
0033
0039
0047
0056
0068
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
22
× 25
0.70
22
× 25
0.90
22
× 25
1.00
22
× 30
1.20
22
× 35
1.35
22
× 40
1.45
22
× 45
1.60
22
× 50
1.75
22
25
× 20
0.70
25
× 25
1.20
25
× 30
1.35
25
× 30
1.45
25
× 35
1.60
25
× 40
1.75
25
× 50
2.11
25
30
× 25
1.45
30
× 30
1.60
30
× 30
1.75
30
× 35
2.11
30
× 45
2.40
30
× 50
2.65
30
35
× 25
1.75
35
× 30
2.11
35
× 35
2.40
35
× 40
2.65
35
× 45
3.08
35
22
25
30
35
200V (2D)
220V (2P)
φD
22
25
× 20
0.65
25
× 25
0.70
25
× 25
0.90
25
× 30
1.00
25
× 30
1.20
25
× 35
1.35
25
× 40
1.45
25
× 45
1.60
22
× 20
0.50
22
× 25
0.60
22
× 25
0.65
22
× 25
0.70
22
× 30
0.90
22
× 35
1.00
22
× 40
1.20
22
× 45
1.35
25
30
× 20
0.90
30
× 25
1.00
30
× 25
1.20
30
× 30
1.35
30
× 30
1.45
30
× 35
1.60
30
× 40
1.75
30
× 45
2.11
30
35
× 20
1.00
35
× 25
1.20
35
× 25
1.35
35
× 25
1.45
35
× 30
1.60
35
× 35
1.75
35
× 40
2.11
35
× 45
2.40
35
400V (2G)
22
× 25
0.25
22
× 25
0.30
22
× 25
0.35
22
× 25
0.45
22
× 25
0.51
22
× 30
0.58
22
× 30
0.66
22
× 35
0.76
22
× 40
0.85
25
× 25
0.58
25
× 25
0.66
25
× 30
0.76
25
× 35
0.85
25
× 40
0.95
25
× 45
1.24
30
× 25
0.76
30
× 25
0.85
30
× 30
0.95
30
× 35
1.24
30
× 40
1.30
30
× 45
1.47
35
× 25
0.95
35
× 30
1.24
35
× 35
1.30
35
× 35
1.47
35
× 40
1.59
35
× 45
1.87
V(Code)
Code
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
200220V
400V
Coefficient
50
0.85
0.88
60
0.88
0.90
120
1.00
1.00
1k
1.15
1.10
10k~
1.20
1.15
Case size
φD × L (mm)
Rated ripple


Descripción similar - LAQ2P821MEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com