Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD441 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

No. de pieza BD441
Descripción Electrónicos  EPITAXIAL SILICON POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEL [TRANSYS Electronics Limited]
Página de inicio  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BD441 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BD441 Datasheet HTML 1Page - TRANSYS Electronics Limited BD441 Datasheet HTML 2Page - TRANSYS Electronics Limited BD441 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPITAXIAL SILICON POWER TRANSISTORS
BD433
BD434
BD435
BD436
BD437
BD438
BD439
BD440
BD441
BD442
NPN
PNP
TO126
Plastic Package
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BD433 BD435 BD437 BD439 BD441
BD434 BD436 BD438 BD440 BD442
DC Current Gain
*hFE
>40
>40
>30
>20
>15
>85
>85
>85
>40
>40
>50
>50
>40
>25
>15
fT
>3.0
MHz
*Pulsed Pulse Duration=300
µµs, Duty Cycle=1.5%
Matched
Pairs
*hFE1 / hFE2
IC=500mA, VCE=1V ALL
UNIT
<1.4
IC=500mA, VCE=1V
IC=2.0A, VCE=1V
IC=10mA, VCE=5V
TEST CONDITION
IC=250mA, VCE=1V ALL
Current Gain Bandwidth
Product
B
C
E


Número de pieza similar - BD441

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BD441 MOTOROLA-BD441 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Comset Semiconductor
BD441 COMSET-BD441 Datasheet
72Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
STMicroelectronics
BD441 STMICROELECTRONICS-BD441 Datasheet
69Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD441 SAVANTIC-BD441 Datasheet
103Kb / 3P
   Silicon NPN Power Transistors
logo
Siemens Semiconductor G...
BD441 SIEMENS-BD441 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
More results

Descripción similar - BD441

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
BD233 CDIL-BD233 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
CJD175 CDIL-CJD175 Datasheet
283Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD136 CDIL-BD136 Datasheet
180Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
BD131 CDIL-BD131 Datasheet
147Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD175 CDIL-BD175 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BD175 TEL-BD175 Datasheet
68Kb / 2P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Continental Device Indi...
MJE15032 CDIL-MJE15032 Datasheet
286Kb / 3P
   SILICON EPITAXIAL POWER TRANSISTORS
BD433 CDIL-BD433 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD131 NJSEMI-BD131 Datasheet
74Kb / 2P
   SILICON PLANAR EPITAXIAL POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com