Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1S10PUR Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza ST1S10PUR
Descripción Electrónicos  3 A, 900 kHz, monolithic synchronous step-down regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10PUR Datasheet(HTML) 3 Page - STMicroelectronics

  ST1S10PUR Datasheet HTML 1Page - STMicroelectronics ST1S10PUR Datasheet HTML 2Page - STMicroelectronics ST1S10PUR Datasheet HTML 3Page - STMicroelectronics ST1S10PUR Datasheet HTML 4Page - STMicroelectronics ST1S10PUR Datasheet HTML 5Page - STMicroelectronics ST1S10PUR Datasheet HTML 6Page - STMicroelectronics ST1S10PUR Datasheet HTML 7Page - STMicroelectronics ST1S10PUR Datasheet HTML 8Page - STMicroelectronics ST1S10PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ST1S10
Application circuit
3/26
1
Application circuit
Figure 1.
Typical application circuit
ST1S10
12V
L1
3.3µH
C1
4.7µF
SW
FB
C2
22µF
VIN_SW
SYNC
EN
5V – 3A
R1
R2
VIN_A
AGND
PGND
C3
0.1µF
ST1S10
12V
L1
3.3µH
C1
4.7µF
SW
FB
C2
22µF
VIN_SW
SYNC
EN
5V – 3A
5V – 3A
R1
R2
VIN_A
AGND
PGND
C3
0.1µF


Número de pieza similar - ST1S10PUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12G12R STMICROELECTRONICS-ST1S12G12R Datasheet
318Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12G18R STMICROELECTRONICS-ST1S12G18R Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12G18R STMICROELECTRONICS-ST1S12G18R Datasheet
318Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
ST1S12GR STMICROELECTRONICS-ST1S12GR Datasheet
338Kb / 20P
   Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L
More results

Descripción similar - ST1S10PUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
   3 A step-down monolithic switching regulator
AN2620 STMICROELECTRONICS-AN2620 Datasheet
1Mb / 20P
   3 A high-frequency synchronous 900 kHz
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
   Monolithic Synchronous Step-Down Switching Regulator
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
   Monolithic Synchronous Step-Down Switching Regulator
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com