Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4041D12QDBZR Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM4041D12QDBZR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 28 page www.ti.com LM4041x12I Electrical Characteristics LM4041 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006 full-range T A = –40°C to 85°C (unless otherwise noted) LM4041C12I LM4041D12I PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX Reverse breakdown VZ IZ = 100 µA 25 °C 1.225 1.225 V voltage 25 °C –6 6 –12 12 Reverse breakdown IZ = 100 µA mV voltage tolerance Full range –14 14 –24 24 25 °C 45 75 45 75 Minimum cathode IZ,min µA current Full range 80 80 IZ = 10 mA 25 °C ±20 ±20 Average temperature 25 °C ±15 ±15 α VZ coefficient of reverse IZ = 1 mA ppm/ °C Full range ±100 ±150 breakdown voltage IZ = 100 µA 25 °C ±15 ±15 25 °C 0.7 1.5 0.7 2 IZ,min < IZ < 1 mA Reverse breakdown Full range 2 2.5 ∆V Z/∆IZ voltage change with mV 25 °C 2.5 6 2.5 8 cathode current change 1 mA < IZ < 12 mA Full range 8 10 Reverse dynamic IZ = 1 mA, f = 120 Hz, ZZ 25 °C 0.5 1.5 0.5 2 Ω impedance IAC = 0.1 IZ IZ = 100 µA, eN Wideband noise 25 °C 20 20 µV RMS 10 Hz ≤ f ≤ 10 kHz Long-term stability of t = 1000 h, reverse breakdown TA = 25°C ± 0.1°C, 25 °C 120 120 ppm voltage IZ = 100 µA 6 Submit Documentation Feedback |
Número de pieza similar - LM4041D12QDBZR |
|
Descripción similar - LM4041D12QDBZR |