Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DL-5325-XT Datasheet(PDF) 2 Page - Optoway Technology Inc |
|
DL-5325-XT Datasheet(HTML) 2 Page - Optoway Technology Inc |
2 / 2 page Optoway DL-5300 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 9/18/2002 V1.0 MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Note: Specifications subject to change without notice. ORDER INFORMATION Part No.: D L − 5 3 □ □ □ − □ □ □ □ Code Pout (mw) Code Flange Code Isolator 0 0.2 V Vertical Blank No 1 0.5 H Horizontal S Single-Stage 2 1 X No Flange 3 2 Code Connector Code Speed S SC/PC Code Pin Assignment Blank 1.25 Gbps F FC/PC 0 Type A S 2.5 Gbps T ST/PC 5 Type B X No connector 8 Type C SA SC/APC FA FC/APC TA ST/APC DL-530X DL-531X DL-532X DL-533X |
Número de pieza similar - DL-5325-XT |
|
Descripción similar - DL-5325-XT |