|
| LM393 |
|
||
|
FCI |
|
4 page
LM393 Dual Differential Comparator These dual comparators feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (V OL to VOH ). To alleviate this situation, input resistors <10 k Ω should be used. The addition of positive feedback (< 10 mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator’s inputs. Voltages more negative than –0.3 V should not be used. APPLICATIONS INFORMATION Zero Crossing Detector (Single Supply) Zero Crossing Detector (Split Supply) Free-Running Square Wave Oscillator Time Delay Generator Comparator With Hysteresis 5-19 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| GSCLM393 | DUAL DIFFERENTIAL COMPARATOR | 1 2 3 4 | GTM CORPORATION |
| GPLM393 | dual differential comparator | 1 2 3 4 | GTM CORPORATION |
| GM393 | LOW POWER DUAL DIFFERENTIAL COMPARATOR | 1 2 3 4 5 More | Gamma Microelectronics Inc. |
| LM393_05 | DUAL DIFFERENTIAL COMPARATOR | 1 2 3 4 5 More | Unisonic Technologies |
| LMH7322_0706 | Dual 700 ps High Speed Comparator with RSPECL Outputs | Coming Soon | National Semiconductor |
| MC100E210 | 5V ECL Dual 1:4 1:5 Differential Fanout Buffer | 1 2 3 4 5 More | ON Semiconductor |
| MC26LS30_05 | Dual Differential EIA-422-A /Quad Single-Ended EIA-423-A Line Drivers | 1 2 3 4 5 More | ON Semiconductor |
| ISL1532A | Dual Channel Fixed Gain Differential DSL Line Driver | 1 2 | Intersil Corporation |
| PI2LVD512 | 1.8V Wide-Bandwidth 5 Differential Channels 2:1 Mux/DeMux Switch with Dual Enable | 1 2 3 4 5 More | Pericom Semiconductor Corporation |
| MC100ES6056 | 2.5V 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER | 1 2 3 4 5 More | Integrated Device Technology |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |