Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HCT2G04GW Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74HCT2G04GW
Descripción Electrónicos  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G04GW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT2G04GW Datasheet HTML 6Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 7Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 8Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 9Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 10Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 11Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 12Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 13Page - NXP Semiconductors 74HCT2G04GW Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
11 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
Fig 8.
Package outline SOT457 (SC-74)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Número de pieza similar - 74HCT2G04GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HCT2G04GW NEXPERIA-74HCT2G04GW Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GW,125 NEXPERIA-74HCT2G04GW,125 Datasheet
194Kb / 15P
   Dual inverter
74HCT2G04GW-Q100 NEXPERIA-74HCT2G04GW-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HCT2G04GW.125 NEXPERIA-74HCT2G04GW.125 Datasheet
194Kb / 15P
   Dual inverter
More results

Descripción similar - 74HCT2G04GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com