Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDG8850NZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDG8850NZ
Descripción Electrónicos  Dual N-Channel PowerTrench짰 MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG8850NZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDG8850NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG8850NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG8850NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG8850NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG8850NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
©2007 Fairchild Semiconductor Corporation
FDG8850NZ Rev.B
Figure 7.
0.00.20.40.6
0.81.0
1.21.4
0
1
2
3
4
5
VDD = 10V
VDD = 15V
Qg, GATE CHARGE(nC)
VDD = 5V
ID = 0.22A
Gate Charge Characteristics
Figure8.
0.1
1
10
1
10
100
200
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
CapacitancevsDrain
to Source Voltage
Figure 9.
0.1
1
10
100
0.01
0.1
1
0.005
4
100μs
1ms
1s
DC
100ms
10ms
SINGLE PULSE
T
J = MAX RATED
RθJA = 415OC/W
TA = 25OC
VDS, DRAIN to SOURCE VOLTAGE (V)
r DS
(o
n)
LIM
ITE
D
Forward Bias Safe
Operating Area
Figure 10.
0.0001 0.001
0.01
0.1
1
10
100
1000
0.1
1
10
RθJA= 415OC/W
SINGLE PULSE
TA = 25OC
50
t, PULSE WIDTH (s)
Single Pulse Maximum Power
Dissipation
Figure 11. Transient Thermal Response Curve
0.0001
0.001
0.01
0.1
1
10
100
1000
0.01
0.1
1
R
θJA = 415
oC/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (s)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Número de pieza similar - FDG8850NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG8842CZ FAIRCHILD-FDG8842CZ Datasheet
455Kb / 8P
   Complementary PowerTrench짰 MOSFET
More results

Descripción similar - FDG8850NZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDMD82100L FAIRCHILD-FDMD82100L Datasheet
253Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDMA1024NZ ONSEMI-FDMA1024NZ Datasheet
622Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
October-2017, Rev.2
logo
Fairchild Semiconductor
FDMS9600S FAIRCHILD-FDMS9600S Datasheet
329Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
FDMS9620S FAIRCHILD-FDMS9620S_07 Datasheet
339Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
FDMA2002NZ FAIRCHILD-FDMA2002NZ_08 Datasheet
814Kb / 6P
   Dual N-Channel PowerTrench짰 MOSFET
FDME1024NZT FAIRCHILD-FDME1024NZT Datasheet
269Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDMS9600S FAIRCHILD-FDMS9600S_08 Datasheet
507Kb / 9P
   Dual N-Channel PowerTrench짰 MOSFET
FDMA1028NZ FAIRCHILD-FDMA1028NZ_08 Datasheet
1Mb / 7P
   Dual N-Channel PowerTrench짰 MOSFET
FDD8424H FAIRCHILD-FDD8424H Datasheet
638Kb / 12P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDS8960C_0511 FAIRCHILD-FDS8960C_0511 Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com