Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7608-40B Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BUK7608-40B
Descripción Electrónicos  N-channel TrenchMOS standard level FET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7608-40B Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK7608-40B Datasheet HTML 1Page - NXP Semiconductors BUK7608-40B Datasheet HTML 2Page - NXP Semiconductors BUK7608-40B Datasheet HTML 3Page - NXP Semiconductors BUK7608-40B Datasheet HTML 4Page - NXP Semiconductors BUK7608-40B Datasheet HTML 5Page - NXP Semiconductors BUK7608-40B Datasheet HTML 6Page - NXP Semiconductors BUK7608-40B Datasheet HTML 7Page - NXP Semiconductors BUK7608-40B Datasheet HTML 8Page - NXP Semiconductors BUK7608-40B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BUK75_7608-40B_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 16 November 2007
3 of 14
NXP Semiconductors
BUK75/7608-40B
N-channel TrenchMOS standard level FET
VGS ≥ 10 V
[1]
Capped at 75 A due to package.
Fig 1.
Normalized total power dissipation as a
function of solder point temperature
Fig 2.
Continuous drain current as a function of
mounting base temperature
Tmb =25 °C; IDM is single pulse.
[1]
Capped at 75 A due to package.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tmb (°C)
0
200
150
50
100
003aac070
40
80
120
Pder
(%)
0
Tmb (°C)
0
200
150
50
100
003aac081
40
80
120
ID
(A)
0
(1)
P
der
P
tot
P
tot 25
°C
()
------------------------
100 %
×
=
003aac079
VDS (V)
10−1
102
10
1
102
10
103
ID
(A)
1
(1)
Limit RDSon = VDS / ID
tp = 10 µs
1 ms
100
µs
10 ms
100 ms
DC


Número de pieza similar - BUK7608-40B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B Datasheet
272Kb / 15P
   TRENCHMOS-TM STANDARD LEVELl FET
Rev. 01-08 April 2003
BUK7608-40B NXP-BUK7608-40B Datasheet
194Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
logo
Inchange Semiconductor ...
BUK7608-40B ISC-BUK7608-40B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7608-40B NEXPERIA-BUK7608-40B Datasheet
707Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04 - 24 September 2008
logo
NXP Semiconductors
BUK7608-40B PHILIPS-BUK7608-40B_15 Datasheet
202Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 04-24 September 2008
More results

Descripción similar - BUK7608-40B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com