Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5964 Datasheet(PDF) 4 Page - SyncMOS Technologies,Inc

No. de pieza SM5964
Descripción Electrónicos  8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Datasheet(HTML) 4 Page - SyncMOS Technologies,Inc

  SM5964_06 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SyncMOS Technologies International, Inc.
SM5964
8-Bits Micro-controller
64KB ISP flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.2 SM5964 08/2006
4
Pin Description
40L
PDIP
Pin#
44L
QFP
Pin#
44L
PLCC
Pin#
Symbol
Active
I/O
Names
1
40
2
P1.0/T2
i/o
bit 0 of port 1 & timer 2 clock out
2
41
3
P1.1/T2EX
i/o
bit 1 of port 1 & timer 2 control
3
42
4
P1.2
i/o
bit 2 of port 1
4
43
5
P1.3/SPWM0
i/o
bit 3 of port 1 & SPWM channel 0
5
44
6
P1.4/SPWM1
i/o
bit 4 of port 1 & SPWM channel 1
6
1
7
P1.5/SPWM2
i/o
bit 5 of port 1 & SPWM channel 2
7
2
8
P1.6/SPWM3
i/o
bit 6 of port 1 & SPWM channel 3
8
3
9
P1.7/SPWM4
i/o
bit 7 of port 1 & SPWM channel 4
9
4
10
RES
H
i
Reset
10
5
11
P3.0/RXD
i/o
bit 0 of port 3 & Receiver data
11
7
13
P3.1/TXD
i/o
bit 1 of port 3 & Transmit data
12
8
14
P3.2/#INT0
L/-
i/o
bit 2 of port 3 & low true interrupt 0
13
9
15
P3.3/#INT1
L/-
i/o
bit 3 of port 3 & low true interrupt 1
14
10
16
P3.4/T0
i/o
bit 4 of port 3 & Timer 0
15
11
17
P3.5/T1
i/o
bit 5 of port 3 & Timer 1
16
12
18
P3.6/#WR
i/o
bit 6 of port 3 & ext. memory write
17
13
19
P3.7/#RD
i/o
bit 7 of port 3 & ext. memory read
18
14
20
XTAL2
o
Crystal out
19
15
21
XTAL1
i
Crystal in
20
16
22
VSS
Sink Voltage, Ground
21
18
24
P2.0/A8
i/o
bit 0 of port 2 & bit 8 of ext. memory address
22
19
25
P2.1/A9
i/o
bit 1 of port 2 & bit 9 of ext. memory address
23
20
26
P2.2/A10
i/o
bit 2 of port 2 & bit 10 of ext. memory address
24
21
27
P2.3/A11
i/o
bit 3 of port 2 & bit 11 of ext. memory address
25
22
28
P2.4/A12
i/o
bit 4 of port 2 & bit 12 of ext. memory address
26
23
29
P2.5/A13
i/o
bit 5 of port 2 & bit 13 of ext. memory address
27
24
30
P2.6/A14
i/o
bit 6 of port 2 & bit 14 of ext. memory address
28
25
31
P2.7/A15
i/o
bit 7 of port 2 & bit 15 of ext. memory address
29
26
32
#PSEN
L
o
program storage enable
30
27
33
ALE
-
o
address latch enable
31
29
35
#EA
L
I
external access
32
30
36
P0.7/AD7
i/o
bit 7 of port 0 & data/address bit 7 of ext. memory
33
31
37
P0.6/AD6
i/o
bit 6 of port 0 & data/address bit 6 of ext. memory
34
32
38
P0.5/AD5
i/o
bit 5 of port 0 & data/address bit 5 of ext. memory
35
33
39
P0.4/AD4
i/o
bit 4 of port 0 & data/address bit 4 of ext. memory
36
34
40
P0.3/AD3
i/o
bit 3 of port 0 & data/address bit 3 of ext. memory
37
35
41
P0.2/AD2
i/o
bit 2 of port 0 & data/address bit 2 of ext. memory
38
36
42
P0.1/AD1
i/o
bit 1 of port 0 & data/address bit 1 of ext. memory
39
37
43
P0.0/AD0
i/o
bit 0 of port 0 & data/address bit 0 of ext. memory
40
38
44
VDD
Drive Voltage
17
23
P4.0
i/o
bit 0 of Port 4
28
34
P4.1
i/o
bit 1 of Port 4
39
1
P4.2
i/o
bit 2 of Port 4
6
12
P4.3
i/o
bit 3 of port 4


Número de pieza similar - SM5964_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AL25 SYNCMOS-SM5964AL25 Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Descripción similar - SM5964_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
logo
List of Unclassifed Man...
VRS1000 ETC1-VRS1000 Datasheet
741Kb / 47P
   64kB Embedded ISP/IAP FLASH 1kB RAM, 40 MHz, 8-Bit MCU
logo
SyncMOS Technologies,In...
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com