Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM80952 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

No. de pieza SM80952
Descripción Electrónicos  8 - Bit Micro-controller with 4/8KB ROM embedded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM80952 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM80952 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM80952 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
May 2001
Specifications subject to change without notice,contact your sales representatives for the most recent information.
11/16
Ver 1.1
SM8051/8052 07/2005
SyncMOS Technologies Inc.
SM8051/80952
I/O Ports Timing
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
inputs P0,P1
sampled
sampled
inputs P2,P3
Output by
Mov Px,Src
RxD at Serial Port
Shift Clock
(Mode 0)
current data
next data
sampled
X1
Timing Critical, Requirement of External Clock (Vss=0.0V is assumed)
Vdd-0.5V
0.45V
70%Vdd
20%Vdd-0.1V
TCHCL
TCLCL
TCHCX
TCLCH
TCLCX
Tm.I
External Program Memory Read Cycle
#PSEN
ALE
PORT 0
PORT 2
TPLPH
TLHLL
TLLPL
TAVLL
TLLAX
TPXIX
TPXIZ
TAVIV
TPLAZ
TPLIV
A0 - A7
Instruction. IN
A0 - A7
A8 - A15
A8 - A15


Número de pieza similar - SM80952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
SM800 POWERBOX-SM800 Datasheet
372Kb / 4P
   L A B O R AT O R Y P OWE R S U P P LY
logo
Linkage Goston Electron...
SM8002C LINKAGE-SM8002C Datasheet
4Mb / 8P
   AC / DC PWM power switch
logo
Sinopower Semiconductor...
SM8005DSK SINOPWER-SM8005DSK Datasheet
241Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
SM8005DSKC-TRG SINOPWER-SM8005DSKC-TRG Datasheet
241Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SM8007NSU DOINGTER-SM8007NSU Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

Descripción similar - SM80952

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
List of Unclassifed Man...
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
   Mask-ROM 8-Bit CMOS Micro-controller
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com