Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM79108 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

No. de pieza SM79108
Descripción Electrónicos  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79108 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM79108 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79108 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
1/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
Product List
SM79108L25, 25 MHz 8KB internal memory MCU
SM79108C40, 40 MHz 8KB internal memory MCU
Description
The SM79108 series product is an 8 - bit single chip micro
controller with 8 KB flash & 256 bytes RAM embedded. It
has 4-channel, 8-bit ADC function build-in, 1-channel
SPWM and 1-channel PWM build-in and A14(segment) x
4(common) LCD driver. It provides hardware features and
a powerful instruction set necessary to make it a versatile
and cost effective controller for those applications demand
up to 32 I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to 64K
byte flash memory for program and/or for data.
To program the flash block, a commercial programmer
is capable to do it.
Ordering Information
yywwv: production date code identifier
SM79108ihhk
yy: year, ww: weak, v: version
i: process identifier {L=3.0V ~ 3.6V, C=4.5V ~ 5.5V}
hh: working clock in MHz {25, 40}
k: package type postfix {as below table}
Features
Working voltage: 3.0V ~ 3.6V For L Version
4.5V ~ 5.5V For C Version
General 8052 family compatible
12 clocks per machine cycle
8 KB internal flash memory
256 bytes on-chip data RAM
Three 16 bit timers/counters
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for PLCC or
QFP package
A14 x 4 LCD driver (P0, P2, ALE, PSEN)
1 Channel SPWM (P1.2)
1 Channel PWM (P1.5)
Full duplex serial channel
Bit operation instruction
Industrail Level
8-bit unsigned division
8-bit unsigned multiply
BCD arithmetic
Direct addressing
Indirect addressing
Nested interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and power down mode
Code protection function
One watch dog timer (WDT)
Low EMI (inhibit ALE)
Postfix
Package
Pin/Pad
Configuration
Dimension
P
40L PDIP
page 2
page 22
J
44L PLCC
page 2
page 23
Q
44L QFP
page 2
page 24
with 8KB flash & 256 Bytes RAM embedded
8 - Bit Micro-controller
Taiwan
6F, No. 10-2 Li-Hsin 1st Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-5671820
886-3-5671880
FAX: 886-3-5671891
886-3-5671894


Número de pieza similar - SM79108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108L25 SYNCMOS-SM79108L25 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

Descripción similar - SM79108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com