Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM79164 Datasheet(PDF) 1 Page - SyncMOS Technologies,Inc

No. de pieza SM79164
Descripción Electrónicos  8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNCMOS [SyncMOS Technologies,Inc]
Página de inicio  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79164 Datasheet(HTML) 1 Page - SyncMOS Technologies,Inc

  SM79164 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79164 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
1/26
Ver 2.1
SM79164 08/2006
SyncMOS Technologies International. Inc.
SM79164
Features
2.4V ~ 3.0V For V Version
Working voltage: 3.0V ~ 3.6V For L Version
4.5V ~ 5.5V For C Version
General 8052 family compatible
12 clocks per machine cycle
64K byte on chip program flash
4096 byte on-chip data RAM
Three 16 bit Timers/Counters
One Watch Dog Timer
Four 8-bit I/O ports for PDIP package
Four 8-bit I/O ports + one 4-bit I/O ports for PLCC or QFP package
Full duplex serial channel
Bit operation instruction
Industrial Level
8-bit Unsigned Division
8-bit Unsigned Multiply
BCD arithmetic
Direct Addressing
Indirect Addressing
Nested Interrupt
Two priority level interrupt
A serial I/O port
Power save modes: Idle mode and Power down mode
Code protection function
Low EMI (inhibit ALE)
Bank mapping direct addressing mode for access on-chip RAM
8 channel PWM function with P1.0 ~ P1.7
Postfix
Package
Pin/Pad
Configuration
Dimension
P
40L PDIP
page 2
page 21
J
44L PLCC
page 2
page 22
Q
44L QFP
page 2
page 23
Product List
SM79164V16J/Q,16MHz 64KB internal flash MCU
SM79164L20P, 20MHz 64KB internal flash MCU
SM79164L25J/Q, 25MHz 64KB internal flash MCU
SM79164C25P, 25MHz 64KB internal flash MCU
SM79164C35J/Q, 35MHz 64KB internal flash MCU
Description
The SM79164 series product is an 8 - bit single chip micro
controller with 64KB on-chip flash and 4K byte RAM
embedded. It is a derivative of the 8052 micro controller
family. It has 8-channel PWM build-in. User can access
on-chip expanded RAM with easier and faster way by its
‘bank mapping direct addressing mode’ scheme. With its
hardware features and powerful instruction set, it’s
straight forward to make it a versatile and cost effective
controller for those applications which demand up to 32
I/O pins for PDIP package or up to 36 I/O pins for
PLCC/QFP package, or applications which need up to
64K byte flash memory for program data.
To program the on-chip flash memory, a commercial writer
is available to do it in parallel programming method.
Ordering Information
yywwv
SM79164ihhkL
yy: year, ww:month
v: version identifier {, A, B,...}
i:process identifier {V=2.4V~3.0V, L=3.0V ~ 3.6V, C=4.5V
~ 5.5V}
hh: working clock in MHz {20, 25, 35}
k: package type postfix {as below table}
L:PB free identifier
No text is Non- PB free ,”P” is PB free
Taiwan
6F, No. 10-2 Li - Hsinchu First Road ,
Science-based Industrial Park,
Hsinchu, Taiwan 30078
TEL: 886-3-5671820
886-3-5671880
FAX: 886-3-5671891
886-3-5671894
8 - Bit Micro-controller
Web site: http://www.syncmos.com.tw
with 64KB flash & 4KB RAM embedded


Número de pieza similar - SM79164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108C40 SYNCMOS-SM79108C40 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108L25 SYNCMOS-SM79108L25 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

Descripción similar - SM79164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SyncMOS Technologies,In...
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com