Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC573PW Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74ALVC573PW
Descripción Electrónicos  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 10Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 11Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 12Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
9 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
11. Waveforms
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 8.
Input Dn to output Qn propagation delay times
mna811
Dn input
Qn output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Table 8.
Measurement points
Supply voltage VCC
VM
Output
VX
VY
1.65 V to 1.95 V
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.3 V to 2.7 V
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
Measurement points are given in Table 8.
VOL and VOH are the typical output voltage levels that occur with the output load.
Fig 9.
Latch enable (LE) pulse width and latch enable input to output (Qn) propagation delays
mna812
LE input
Qn output
tPHL
tPLH
tW
1/fmax
VM
VOH
VI
GND
VOL
VM


Número de pieza similar - 74ALVC573PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC573PW PHILIPS-74ALVC573PW Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
logo
Nexperia B.V. All right...
74ALVC573PW NEXPERIA-74ALVC573PW Datasheet
268Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 4 - 30 April 2021
More results

Descripción similar - 74ALVC573PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com