Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G66GW Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74LVC1G66GW
Descripción Electrónicos  Bilateral switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G66GW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G66GW Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G66GW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC1G66_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 27 August 2007
9 of 22
NXP Semiconductors
74LVC1G66
Bilateral switch
11. Dynamic characteristics
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 15. ON resistance as a function of input voltage; VCC = 5.0 V
VI (V)
05
4
23
1
001aaa711
5
4
6
7
RON
(
Ω)
3
(2)
(4)
(1)
(3)
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Y to Z or Z to Y;
see Figure 16
[2][3]
VCC = 1.65 V to 1.95 V
-
0.8
2.0
-
3.0
ns
VCC = 2.3 V to 2.7 V
-
0.4
1.2
-
2.0
ns
VCC = 2.7 V
-
0.4
1.0
-
1.5
ns
VCC = 3.0 V to 3.6 V
-
0.3
0.8
-
1.5
ns
VCC = 4.5 V to 5.5 V
-
0.2
0.6
-
1.0
ns
ten
enable time
E to Y or Z; see Figure 17
[4]
VCC = 1.65 V to 1.95 V
1.0
5.3
12
1.0
15.5
ns
VCC = 2.3 V to 2.7 V
1.0
3.0
6.5
1.0
8.5
ns
VCC = 2.7 V
1.0
2.6
6.0
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.5
5.0
1.0
6.5
ns
VCC = 4.5 V to 5.5 V
1.0
1.9
4.2
1.0
5.5
ns


Número de pieza similar - 74LVC1G66GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G66GW PHILIPS-74LVC1G66GW Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Nexperia B.V. All right...
74LVC1G66GW NEXPERIA-74LVC1G66GW Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
74LVC1G66GW-Q100 NEXPERIA-74LVC1G66GW-Q100 Datasheet
897Kb / 21P
   Bilateral switch
More results

Descripción similar - 74LVC1G66GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com