Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G3157 Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza 74LVC1G3157
Descripción Electrónicos  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G3157 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G3157 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC1G3157 is a low-power, low-voltage, high-speed Si-gate CMOS device.
The 74LVC1G3157 provides one analog multiplexer/demultiplexer with one digital select
input (S), two independent inputs/outputs (Y0, Y1) and a common input/output (Z).
Schmitt trigger action at the select input makes the circuit tolerant of slower input rise and
fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s Very low ON resistance:
x 7.5
Ω (typical) at V
CC = 2.7 V
x 6.5
Ω (typical) at V
CC = 3.3 V
x 6
Ω (typical) at V
CC =5V
s Switch current capability of 32 mA
s Break-before-make switching
s High noise immunity
s CMOS low power consumption
s TTL interface compatibility at 3.3 V
s Latch-up performance meets requirements of JESD 78 Class I
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
s Control input accepts voltages up to 5.5 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Rev. 02 — 18 September 2007
Product data sheet


Número de pieza similar - 74LVC1G3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
176Kb / 25P
   2-channel analog multiplexer/demultiplexer
Rev. 4-6 December 2011
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Nexperia B.V. All right...
74LVC1G3157 NEXPERIA-74LVC1G3157 Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157-Q100 NEXPERIA-74LVC1G3157-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Descripción similar - 74LVC1G3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com