Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC2G14 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74LVC2G14
Descripción Electrónicos  Dual inverting Schmitt trigger with 5 V tolerant input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G14 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2G14 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC2G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 4 September 2007
3 of 17
NXP Semiconductors
74LVC2G14
Dual inverting Schmitt trigger with 5 V tolerant input
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 4.
Pin configuration SOT363
and SOT457
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891
74LVC2G14
1A
1Y
GND
2A
2Y
001aab672
1
2
3
6
VCC
5
4
74LVC2G14
GND
001aab673
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
74LVC2G14
GND
001aaf957
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
1A
1
data input
GND
2
ground (0 V)
2A
3
data input
2Y
4
data output
VCC
5
supply voltage
1Y
6
data input
Table 4.
Function table[1]
Input
Output
nA
nY
LH
HL


Número de pieza similar - 74LVC2G14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
Nexperia B.V. All right...
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
logo
Diodes Incorporated
74LVC2G14DW DIODES-74LVC2G14DW Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
More results

Descripción similar - 74LVC2G14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com