Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP1G00GF Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74AUP1G00GF
Descripción Electrónicos  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00GF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G00GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G00GF Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
7 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Tamb = 25 °C; CL = 5 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A or B to Y
see Figure 7
VCC = 0.8 V
-
17.5
-
ns
VCC = 1.1 V to 1.3 V
2.5
5.3
11.0
ns
VCC = 1.4 V to 1.6 V
2.0
3.8
6.8
ns
VCC = 1.65 V to 1.95 V
1.6
3.1
5.3
ns
VCC = 2.3 V to 2.7 V
1.3
2.5
4.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
3.6
ns
Tamb = 25 °C; CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A or B to Y
see Figure 7
VCC = 0.8 V
-
21.0
-
ns
VCC = 1.1 V to 1.3 V
2.4
6.1
13.0
ns
VCC = 1.4 V to 1.6 V
2.4
4.4
7.9
ns
VCC = 1.65 V to 1.95 V
2.0
3.7
6.2
ns
VCC = 2.3 V to 2.7 V
1.4
3.0
4.7
ns
VCC = 3.0 V to 3.6 V
1.3
2.8
4.3
ns
Tamb = 25 °C; CL = 15 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A or B to Y
see Figure 7
VCC = 0.8 V
-
24.5
-
ns
VCC = 1.1 V to 1.3 V
3.4
6.9
14.8
ns
VCC = 1.4 V to 1.6 V
2.8
5.0
8.9
ns
VCC = 1.65 V to 1.95 V
2.0
4.1
7.0
ns
VCC = 2.3 V to 2.7 V
1.7
3.5
5.3
ns
VCC = 3.0 V to 3.6 V
1.6
3.2
4.9
ns
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay A or B to Y
see Figure 7
VCC = 0.8 V
-
34.8
-
ns
VCC = 1.1 V to 1.3 V
4.6
9.2
20.1
ns
VCC = 1.4 V to 1.6 V
3.0
6.5
11.8
ns
VCC = 1.65 V to 1.95 V
2.6
5.4
9.3
ns
VCC = 2.3 V to 2.7 V
2.4
4.6
7.1
ns
VCC = 3.0 V to 3.6 V
2.3
4.3
6.5
ns


Número de pieza similar - 74AUP1G00GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G00GM NEXPERIA-74AUP1G00GM Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GN NEXPERIA-74AUP1G00GN Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GS NEXPERIA-74AUP1G00GS Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW NEXPERIA-74AUP1G00GW Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00GW-Q100 NEXPERIA-74AUP1G00GW-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
More results

Descripción similar - 74AUP1G00GF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com