Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES6128FF Datasheet(PDF) 1 Page - ESS Technology,Inc

No. de pieza ES6128FF
Descripción Electrónicos  Vibratto-S DVD Processor Product Brief
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ESS [ESS Technology,Inc]
Página de inicio  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128FF Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES6128FF Datasheet HTML 1Page - ESS Technology,Inc ES6128FF Datasheet HTML 2Page - ESS Technology,Inc ES6128FF Datasheet HTML 3Page - ESS Technology,Inc ES6128FF Datasheet HTML 4Page - ESS Technology,Inc ES6128FF Datasheet HTML 5Page - ESS Technology,Inc ES6128FF Datasheet HTML 6Page - ESS Technology,Inc ES6128FF Datasheet HTML 7Page - ESS Technology,Inc ES6128FF Datasheet HTML 8Page - ESS Technology,Inc ES6128FF Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ESS Technology, Inc.
SAM0481B-052705
1
ESS Technology, Inc.
ES6128
Vibratto-S DVD Processor
Product Brief
DESCRIPTION
The ES6128 Vibratto
S DVD processor is a super high-
performance single-chip MPEG video decoding solution
that integrates a state-of-the-art progressive-scan video
feature to provide brilliant and sharp, flicker-free output to
the video display, built-in CPRM, and S/PDIF input and
output support. The ES6128 performs audio/video stream
data processing, TV encoding, Macrovision
 copy
protection, DVD system navigation, system control, and
housekeeping functions.
The Vibratto-S DVD processor is built on the ESS
prop rietar y dual CPU Programmable Multimedia
Processor (PMP) core consisting of 32-bit RISC and 64-bit
DSP processors and offers the best DVD feature set. The
processing units enable simultaneous parallel execution of
system commands and data processing to perform
specialized encoding and decoding tasks.
The RISC processor performs bit stream parsing, control
audio data output, transfer video and audio data to the
vecto r engin e an d service system cont r o l and
housekeeping functions. The vector engine performs
audio and video micro-code processing required by A/V
standards, such as Dolby
 Digital, MPEG and JPEG
imaging. These processing tasks include video motion
compensation and estimation, loop filtering, Discrete
Cosine Transforms (DCT), inverse DCT, quantization, and
inverse quantization.
The Vibratto-S DVD processor supports both parallel and
serial DVD loader interfaces, industry standard I2S audio
data input and output, EPROM and DRAM access, and
audio/video data buffering. It also supports both letterbox
and pan-and-scan displays, sub-picture overlay, and On-
Screen Display (OSD). In addition, the Vibratto-S DVD
solution plays Karaoke, CD+G, HDCD, CD-DA, MP3, and
WMA.
The ES6128 DVD processor is available in a 208-pin
Plastic Quad Flat Pack (PQFP) device package.
FEATURES
Single-chip DVD processor.
Integrated NTSC/PAL encoder with pixel-adaptive
de-interlacer and five 10-bit 54 MHz video DACs.
High-quality progressive scan video output for flicker-free
video display.
DVD-Video, DVD-VR, VCD 1.1 and 2.0, and SVCD.
Media playback with CD-ROM, CD-R/RW, DVD-R/RW,
DVD+R/RW, and DVD-RAM.
Up to 7.1 channel audio outputs.
Interface for IDE devices, A/V DVD loaders.
Interface for CF, MS, SD, MMC, and SM memory cards.
Direct interface of 8-/16-bit DRAM up to 128-Mb capacity.
Direct interface for up to 4 banks of 8-/16-bit EPROM or
Flash EPROM for up to 4-MB for each bank.
Macrovision 7.1 for NTSC/PAL interlaced video.
Macrovision NTSC/PAL (480p/576p) progressive scan
video.
Simultaneous composite, S-video, and YUV outputs.
CCIR 656/601 YUV 4:2:2 input and output.
On-Screen Display controller supports 256 colors in 8
degrees of transparency.
Subpicture Unit (SPU) decoder supports karaoke lyric,
subtitles, and EIA-608 compliant Line 21 Captioning.
SmartLogo
 for custom JPEG wallpaper.
JPEG digital photo support (Kodak Picture CD
 and
Fujifilm FujiColor CD
).
ESS Music Slideshow™.
Bass management.
Dolby Digital (AC-3), Dolby Pro Logic™, and Pro Logic II.
DTS
 surround.
S/PDIF digital audio input and output.
MPEG AAC and Multichannel.
SRS TruSurround
 and TruSurround XT.
Windows™ Media Audio decoding.
Professional karaoke with full scoring scheme.
Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi
available with ES6128FF.


Número de pieza similar - ES6128FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ESS Technology,Inc
ES6128F ESS-ES6128F Datasheet
97Kb / 10P
   Vibratto-S DVD Processor Product Brief
More results

Descripción similar - ES6128FF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ESS Technology,Inc
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
   Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A Datasheet
97Kb / 10P
   Vibratto-S DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
   Vibratto-S DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
   Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
   DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
   DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
   Vibratto DVD Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com