Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXK79M36C165GB Datasheet(PDF) 7 Page - Sony Corporation

No. de pieza CXK79M36C165GB
Descripción Electrónicos  18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M36C165GB Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXK79M36C165GB Datasheet HTML 3Page - Sony Corporation CXK79M36C165GB Datasheet HTML 4Page - Sony Corporation CXK79M36C165GB Datasheet HTML 5Page - Sony Corporation CXK79M36C165GB Datasheet HTML 6Page - Sony Corporation CXK79M36C165GB Datasheet HTML 7Page - Sony Corporation CXK79M36C165GB Datasheet HTML 8Page - Sony Corporation CXK79M36C165GB Datasheet HTML 9Page - Sony Corporation CXK79M36C165GB Datasheet HTML 10Page - Sony Corporation CXK79M36C165GB Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SONY®
ΣRAM
CXK79M72C165GB / CXK79M36C165GB
Preliminary
18Mb 1x1Dp, LVCMOS, rev 1.3
7 / 29
November 18, 2003
State Diagram
Notes:
1. The notation “X,X,X,X” controlling the state transitions above indicate the states of inputs E1, E, ADV, and W respectively.
2. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
3. If E2 = EP2 and E3 = EP3 then E = “T” else E = “F”.
Deselect
Bank
Deselect
Read
Read
Write
Write
Continue
X,F,0,X or X,X,1,X
Continue
X,F,0,X
1,T,0,X
X,F,0,X
1,T,0,X
1,T,0,X
X,F,0,X
1,T,0,X
1,T,0,X or X,X,1,X
0,T,0,0
0,T,0,1
0,T,0,0
0,T,0,1
X,F,0,X
X,F,0,X
0,T,0,0
0,T,0,1
X,X,1,X
X,X,1,X
0,T,0,0
0,T,0,1
1,T,0,X
0,T,0,0 0,T,0,1
X,X,1,X
X,X,1,X
0,T,0,1
0,T,0,0


Número de pieza similar - CXK79M36C165GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-33 SONY-CXK79M36C162GB-33 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-4 SONY-CXK79M36C162GB-4 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-5 SONY-CXK79M36C162GB-5 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C164GB SONY-CXK79M36C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Descripción similar - CXK79M36C165GB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
logo
Sony Corporation
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com