Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33927R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33927R2
Descripción Electrónicos  Three-Phase Field Effect Transistor Pre-Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33927R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33927R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33927R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33927
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE PUMP
Charge Pump
High-Side Switch On-Resistance
Low-Side Switch On-Resistance
Regulation Threshold Difference(13)(15)
RDS(on)_HS
RDS(on)_LS
VTHREG
250
6.0
5.0
500
10
9.4
900
mV
Charge Pump Output Voltage(14), (15)
IOUT = 40mA, 6.0V < VBAT < 8.0V
IOUT = 40mA, VBAT > = 8.0V
VCP
8.5
12
9.5
V
GATE DRIVE
High-Side Driver On-Resistance (Sourcing)
VPWR = VBAT = 16V, -40°C ≤ TA ≤ 25°C
VPWR = VBAT = 16V, 25°C < TA ≤ 125°C
RDS(on)_H_SRC
6.0
8.5
High-Side Driver On-Resistance (Sinking)
VPWR = VBAT = 16V
RDS(on)_H_SINK
3.0
High-Side Current Injection Allowed Without Malfunction(15), (16)
IHS_INJ
0.5
A
Low-Side Driver On-Resistance (Sourcing)
VPWR = VBAT = 16V, -40°C ≤ TA ≤ 25°C
VPWR = VBAT = 16V, 25°C < TA ≤ 125°C
RDS(on)_L_SRC
6.0
8.5
Low-Side Driver On-Resistance (Sinking)
VPWR = VBAT = 16 V
RDS(on)_L_SINK
3.0
Low-Side Current Injection Allowed Without Malfunction(15), (16)
ILS_INJ
0.5
Α
Gate Source Voltage, VPWR = VBAT = 40V
High-Side, IGATE = 0
(17)
Low-Side, IGATE = 0
VGS_H
VGS_L
13
13
14.8
15.4
16.5
17
V
High-Side Gate Drive Output Leakage Current, Per Output(18)
IHS_LEAK
18
µA
Notes
13.
When VLS is this amount below the normal VLS linear regulation threshold, the pump is enabled.
14.
With recommended external components (1.0µF, MUR 120 diode). The Charge Pump is designed to supply the gate currents of a
system with 100A FETs in a 12V application.
15.
This parameter is a design characteristic, not production tested.
16.
Current injection only occurs during output switch transitions. The IC is immune to specified injected currents for a duration of
approximately 1 µs after an output switch transition. 1 µs is sufficient for all intended applications of this IC.
17.
If a slightly higher gate voltage is required, larger bootstrap capacitors are required. At high duty cycles, the bootstrap voltage may not
recover completely, leading to a higher output on-resistance. This effect can be minimized by using low ESR capacitors for the bootstrap
and the VLS capacitors.
18.
A small internal charge pump will supply up to 30
µA nominal to compensate for leakage on the high-side FET gate output and maintain
voltages after bootstrap events. It is not intended for external components to be connected to the High-Side FET gate, but small amounts
of additional leakage can be accommodated.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0V
≤ V
PWR =VBAT ≤ 40V, -40°C ≤ T
A ≤ 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MCZ33927R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33927EK/R2 FREESCALE-MCZ33927EK/R2 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
More results

Descripción similar - MCZ33927R2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com