Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD49300PT10R Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza LD49300PT10R
Descripción Electrónicos  3A Very low drop for low output voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300PT10R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD49300PT10R Datasheet HTML 6Page - STMicroelectronics LD49300PT10R Datasheet HTML 7Page - STMicroelectronics LD49300PT10R Datasheet HTML 8Page - STMicroelectronics LD49300PT10R Datasheet HTML 9Page - STMicroelectronics LD49300PT10R Datasheet HTML 10Page - STMicroelectronics LD49300PT10R Datasheet HTML 11Page - STMicroelectronics LD49300PT10R Datasheet HTML 12Page - STMicroelectronics LD49300PT10R Datasheet HTML 13Page - STMicroelectronics LD49300PT10R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Typical characteristics
LD49300
10/20
Figure 13.
Dropout voltage (VIN-VOUT) vs
temperature
Figure 14.
VBIAS pin current vs temperature
Figure 15.
Noise vs frequency
Figure 16.
Quiescent current vs temperature
Figure 17.
Supply voltage rejection vs output
current
Figure 18.
Stability region vs COUT & High ESR


Número de pieza similar - LD49300PT10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD49300PT10R STMICROELECTRONICS-LD49300PT10R Datasheet
678Kb / 20P
   3 A very low drop-out voltage regulator
More results

Descripción similar - LD49300PT10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
   1.5 A very low drop for low output voltage regulator
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com