Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCP8001-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TPCP8001-H
Descripción Electrónicos  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8001-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCP8001-H Datasheet HTML 1Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 2Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 3Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 4Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 5Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 6Page - Toshiba Semiconductor TPCP8001-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCP8001-H
2006-05-29
5
Total gate charge Qg (nC)
40
20
20
30
0
0
16
4
16
12
0
8
12
4
10
8
50
20
VDD = 6 V
VDS
24 V
12 V
2
1.2
0
0
50
100
150
1.6
200
0.8
0.4
(1)
(2)
0
0.5
1.5
−80
−40
0
40
80
120
160
1.0
2.5
2.0
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
0
1
−0.2
10
100
−0.6
−0.8
−1.0
−0.4
10
3
1
VGS = 0 V
4.5
−1.2
160
−40
0
40
80
120
−80
35
25
20
10
0
40
VGS = 4.5 V
10 V
ID = 1.8,3.6,7.2 A
5
30
15
ID = 1.8,3.6,7.2 A
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxy
board (a) (Note 2a)
(2)Device mounted on a glass-epoxy
board (b) (Note 2b)
t=
5s
Common source
Ta
= 25°C
Pulse test
Common source
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
ID = 7.2 A
Ta
= 25°C
Pulse test


Número de pieza similar - TPCP8001-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Descripción similar - TPCP8001-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com