Nombre de pieza
         Descripción
C10082MD

 Mini-spectrometer TM series Integrating optical system, image sensor and circuit ( 4 Page)


HAMAMATSU
100% 
Zoom Out Zoom In
   
 4 page
background image
Mini-spectrometer TM series
C10082MD, C10083MD
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KACC1119E05
Jan. 2007 DN
4
CMOS linear
image sensor
Type No.
Type
Image sensor
Spectral response range (nm)
C9407MA
C9409MA
RC-VIS-MOS
RC-VIS-MOS
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
OEM model
9
CMOS linear
image sensor
9
340 to 780
Spectral resolution
Max.
(nm)
Type No.
Type
Spectral resolution
Max.
(nm)
Image sensor
Spectral response range (nm)
C10082CA
C10082CAH
C10082MD
C10083CA
C10083CAH
C10083MD
C9404CA
C9404CAH
C9404MC
C9405CA
C9405MC
C9406GC
C9913GC
C9914GB
TM-UV/VIS-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-MOS
TG-UV-CCD
TG-UV-MOS
TM-UV/VIS-CCD
TM-UV/VIS-MOS
High sensitivity
TG-SWNIR-CCD
TG-SWNIR-MOS
TG-cooled NIR-I
TG-NIR
TG-UV-CCD
TG-cooled NIR-II
6
6
8
(
λ=320 to 900 nm)
(
λ=320 to 900 nm)
(
λ=550 to 900 nm)
(
λ=550 to 1100 nm)
8
3
3
5
5
7
7
8
1*
1*
1*
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
CMOS linear
image sensor
CMOS linear
image sensor
CMOS linear
image sensor
NMOS linear
image sensor
InGaAs
linear
image sensor
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
* Typ.
1100 to 2200
900 to 1700
500 to 1100
320 to 1000
200 to 400
200 to 800
n Mini-spectrometer line-up
Non-cooled type
Low noise (cooled type)
Low noise (cooled type)
High resolution
Wide dynamic range
High resolution
Wide dynamic range
High sensitivity
High resolution
Wide dynamic range
Wide dynamic range
High sensitivity
High sensitivity
340 to 780
Spectrometer module
Spectrometer head
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
C9404MCIntegrating optical system image sensor and circuit 1 2 3 4 Hamamatsu Corporation
C9406GCIntegrating optical system image sensor and circuit 1 2 3 4 Hamamatsu Corporation
C10082CAMini-spectrometer TM series High sensitivity type integrated with back-thinned type CCD image sensor 1 2 3 4 Hamamatsu Corporation
SF14BW-CSblack and white camera incorporates the 1/4 Omni Vision CMOS image sensor 1 2 3 4 5 MoreAZ Displays
C7885_07Driver circuit for voltage-output type NMOS linear image sensor 1 2 3 Hamamatsu Corporation
TMP411_07±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction 1 2 3 4 5 MoreBurr-Brown Corporation
UPD3753_022088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT 1 2 3 4 5 MoreNEC
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MAX6683Temperature Sensor and System Monitor in a 10-Pin μMAX 1 2 3 4 5 MoreMaxim Integrated Products
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl