Nombre de pieza
         Descripción
C10082MD

 Mini-spectrometer TM series Integrating optical system, image sensor and circuit ( 4 Page)


HAMAMATSU
100% 
Zoom Out Zoom In
   
 2 page
background image
Mini-spectrometer TM series
C10082MD, C10083MD
KACCC0287EA
ENTRANCE SLIT
COLLIMATING LENS
IMAGE SENSOR
TRANSMISSION GRATING
FOCUSING MIRROR
2
s Optical component layout
TM series mini-spectrometers use a transmission holographic
grating made of quartz and precision optical components
arranged on a rugged optical base, making it possible to
deliver high throughput and highly accurate optical charac-
teristics.
s Connection example (transmission light measurement)
Light to be measured is guided into the entrance port of TG
series through an optical fiber and the spectrum measured
with the built-in image sensor is output through the USB port
to a PC for data acquisition. There are no moving parts inside
the unit so stable measurements are obtained at all times. An
optical fiber that guides light input from external sources al-
lows a flexible measurement setup.
s Dedicated software package (supplied with unit)
Installing the dedicated software package (containing sample software, device driver, DLL)*7 into your PC allows running the
following basic tasks:
· Measurement data acquisition and save
· Measurement condition setup
· Module information acquisition
(wavelength conversion factor, polychromator type, etc.)
· Graphic display
· Arithmetic operation
Pixel number to wavelength conversion
Dark subtraction
Comparison calculation with reference data
(transmittance, reflectance)
Gaussian approximation
(peak position and count, FWHM)
Note: Two or more mini-spectrometers can be
connected and used with one PC
simultaneously.
*7: Compatible OS: Microsoft Windows
Professional Edition 2000
(SP3 or later) and XP (SP1a or later)
Device driver and DLL for controlling hardware are also provided.
You can develop your own measurement programs by using a software development environment that includes Microsoft Visual
C++ and Visual Basic.*8 The DLL provides functions such as USB port open/close, measurement condition setup, measurement
data and module information acquisition.
*8: Operation of the device driver and DLL has been verified only with Microsoft Visual C++® and Visual Basic®.
Microsoft Visual C++ and Microsoft Visual Basic are either registerd trademarks or trademarks of Microsoft Corporation in the
United States.
UV-VIS FIBER LIGHT SOURCE
(Deuterium lamp and Halogen lamp)
L10290
PC
USB CABLE
QUARTZ CELL
(For holding liquid sample)
MINI-
SPECTROMETER
FIBER
KACCC0288EF
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
C9404MCIntegrating optical system image sensor and circuit 1 2 3 4 Hamamatsu Corporation
C9406GCIntegrating optical system image sensor and circuit 1 2 3 4 Hamamatsu Corporation
C10082CAMini-spectrometer TM series High sensitivity type integrated with back-thinned type CCD image sensor 1 2 3 4 Hamamatsu Corporation
SF14BW-CSblack and white camera incorporates the 1/4 Omni Vision CMOS image sensor 1 2 3 4 5 MoreAZ Displays
C7885_07Driver circuit for voltage-output type NMOS linear image sensor 1 2 3 Hamamatsu Corporation
TMP411_07±1°C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction 1 2 3 4 5 MoreBurr-Brown Corporation
UPD3753_022088 PIXELS CCD LINEAR IMAGE SENSOR WITH PERIPHERAL CIRCUIT 1 2 3 4 5 MoreNEC
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MAX6683Temperature Sensor and System Monitor in a 10-Pin μMAX 1 2 3 4 5 MoreMaxim Integrated Products
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl