Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM74ALS240AN Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza DM74ALS240AN
Descripción Electrónicos  Octal 3-STATE Bus Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240AN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74ALS240AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS240AN Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS240A, DM74ALS241A Rev. 1.3
4
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise specified).
Symbol
Parameter
Conditions
Min.
Typ. Max.
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = –18mA
–1.5
V
VOH
HIGH Level Output Voltage
VCC = 4.5V to 5.5V, IOH = –0.4mA
VCC – 2
V
VCC = 4.5V
IOH = –3mA
2.4
IOH = Max.
2
VOL
LOW Level Output Voltage
VCC = 4.5V, IOL = Max.
0.35
0.5
V
II
Input Current at Max. Input
Voltage
VCC = 5.5V, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = 5.5V, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
–0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
–30
–112
mA
IOZH
HIGH Level 3-STATE Output
Current
VCC = 5.5V, VO = 2.7V
20
µA
IOZL
LOW Level 3-STATE Output
Current
VCC = 5.5V, VO = 0.4V
–20
µA
ICC
Supply Current
VCC = 5.5V, ALS240A, Outputs HIGH
4
10
mA
Outputs LOW
13
23
Outputs 3-STATE
14
25
VCC = 5.5V, ALS241A, Outputs HIGH
9
15
Outputs LOW
15
26
Outputs 3-STATE
17
30


Número de pieza similar - DM74ALS240AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

Descripción similar - DM74ALS240AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com