Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVC1G139DCURE4 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza 74LVC1G139DCURE4
Descripción Electrónicos  2-TO-4 LINE DECODER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74LVC1G139DCURE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVC1G139DCURE4 Datasheet HTML 1Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 2Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G139DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC1G139
2-TO-4 LINE DECODER
SCES602B – AUGUST 2004 – REVISED DECEMBER 2005
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
15
ns/V
VCC = 5 V ± 0.5 V
10
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Número de pieza similar - 74LVC1G139DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVC1G139DCURE4 TI1-74LVC1G139DCURE4 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
More results

Descripción similar - 74LVC1G139DCURE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F_01 Datasheet
218Kb / 7P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139 Datasheet
146Kb / 10P
[Old version datasheet]   2-TO -4 LINE DECODER
logo
Toshiba Semiconductor
TC7W139F TOSHIBA-TC7W139F Datasheet
203Kb / 6P
   2-TO-4 LINE DECODER
logo
Texas Instruments
SN74LVC1G139 TI-SN74LVC1G139_08 Datasheet
431Kb / 15P
[Old version datasheet]   2-TO-4 LINE DECODER
SN74LVC1G139 TI1-SN74LVC1G139_15 Datasheet
925Kb / 22P
[Old version datasheet]   2-to-4 Line Decoder
logo
STMicroelectronics
M54HC155 STMICROELECTRONICS-M54HC155 Datasheet
244Kb / 11P
   DUAL 2 TO 4 LINE DECODER 3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74HC155AP TOSHIBA-TC74HC155AP_07 Datasheet
341Kb / 9P
   Dual 2-to-4 Line Decoder 3-to-8 Line Decoder
TC7MET139AFK TOSHIBA-TC7MET139AFK_07 Datasheet
181Kb / 6P
   Dual 2-to-4 Line Decoder
TC74HC139AP TOSHIBA-TC74HC139AP Datasheet
251Kb / 6P
   DUAL 2 TO 4 LINE DECODER
TC7MH139FK TOSHIBA-TC7MH139FK Datasheet
185Kb / 5P
   DUAL 2-TO-4 LINE DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com