Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KZ2G220LC Datasheet(PDF) 11 Page - DB Lectro Inc

No. de pieza KZ2G220LC
Descripción Electrónicos  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2G220LC Datasheet(HTML) 11 Page - DB Lectro Inc

Back Button KZ2G220LC Datasheet HTML 5Page - DB Lectro Inc KZ2G220LC Datasheet HTML 6Page - DB Lectro Inc KZ2G220LC Datasheet HTML 7Page - DB Lectro Inc KZ2G220LC Datasheet HTML 8Page - DB Lectro Inc KZ2G220LC Datasheet HTML 9Page - DB Lectro Inc KZ2G220LC Datasheet HTML 10Page - DB Lectro Inc KZ2G220LC Datasheet HTML 11Page - DB Lectro Inc KZ2G220LC Datasheet HTML 12Page - DB Lectro Inc KZ2G220LC Datasheet HTML 13Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Taping Specifications for Chip Type Aluminum Electrolytic Capacitors
Carrier Tape
Drawing 1 (for
4 ~
10)
4.0±0.1
2.0±0.1
1.5 +0.1~-0
P±0.1
A±0.2
F±0.1
1.75±0.1
T2±0.2
0.4
Dimension
(Unit: mm)
D L
4 5.4/5.8
5 5.4/5.8
6.3 5.4/5.8
6.3 7.7
8 6.2
8 10.5
10 10.5/13.5
W
12.0
12.0
16.0
12.0
16.0
24.0
24.0
P
8.0
12.0
12.0
12.0
12.0
16.0
16.0
F
5.5
5.5
7.5
7.5
7.5
11.5
11.5
A
5.0
6.0
7.0
7.0
8.7
8.7
10.7
B
5.0
6.0
7.0
7.0
8.7
8.7
10.7
T2
5.8/6.3
5.8/6.3
5.8/6.3
8.4
6.8
11.0
11.0/14.0
Drawing 2 (for
12.5 ~
16)
Dimension
(Unit: mm)
D L
12.5 13.5
12.5 16
W 0.3
32.0
32.0
P 0.1
24.0
24.0
F 0.1
14.2
14.2
A0 0.2
14.0
14.0
B
B
0 0.2
14.0
14.0
T2 0.2
14.0
16.5
S 0.1
28.4
28.4
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Número de pieza similar - KZ2G220LC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Descripción similar - KZ2G220LC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com