Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9626BCPZ-170 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9626BCPZ-170
Descripción Electrónicos  12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9626BCPZ-170 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9626BCPZ-170 Datasheet HTML 7Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 8Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 9Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 10Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 11Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 12Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 13Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 14Page - Analog Devices AD9626BCPZ-170 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9626
Rev. 0 | Page 11 of 36
EQUIVALENT CIRCUITS
1.2V
10kΩ
10kΩ
CLK+
CLK–
AVDD
Figure 5. Clock Inputs
VIN+
AVDD
BUF
VIN–
AVDD
BUF
2kΩ
2kΩ
BUF
AVDD
VCML
~1.4V
Figure 6. Analog Inputs (VCML = ~1.4 V)
SCLK/DFS
RESET
PDWN
1k
30k
Figure 7. Equivalent SCLK/DFS, RESET, PDWN Input Circuit
CSB
1k
26k
AVDD
Figure 8. Equivalent CSB Input Circuit
DRVDD
DRGND
Figure 9. CMOS Outputs (Dx, OVRA, OVRB, DCO+, DCO−)
SDIO/DCS
1kΩ
DRVDD
Figure 10. Equivalent SDIO/DCS Input Circuit


Número de pieza similar - AD9626BCPZ-170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9626BCPZ-170 AD-AD9626BCPZ-170 Datasheet
1Mb / 37P
   1.8 V Analog-to-Digital Converter
More results

Descripción similar - AD9626BCPZ-170

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9613BCPZ-250 AD-AD9613BCPZ-250 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS,1.8 V Dual Analog-to-Digital Converter (ADC)
REV. C
AD9613 AD-AD9613 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9613 AD-AD9613_17 Datasheet
1Mb / 38P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9642 AD-AD9642 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642_15 Datasheet
1Mb / 28P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
AD9643 AD-AD9643 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9643 AD-AD9643_17 Datasheet
1Mb / 36P
   14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
AD9634 AD-AD9634 Datasheet
1Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com