Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ610 Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza 2SJ610
Descripción Electrónicos  Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ610 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SJ610 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ610 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ610
2006-11-16
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) − ID
100
Tc
= −55°C
0
0
−2
−4
−2
−4
−6
Common source
VDS = −10 V
Pulse test
−1
−3
−5
25
−1
−3
0
−2
−4
0
−1
−2
−0.5
−1.5
−1
−3
Common source
Tc
= 25°C, pulse test
VGS = −4 V
−5
−4.5
−5.5
−6
−8
−10
−15
−4.5
−8
0
0
−2
−4
−10
−20
VGS = −4 V
Common source
Tc
= 25°C, pulse test
−5
−5.5
−6
−10
−5
−15
−1
−3
−15
0
0
−4
−6
−10
−6
−10
−8
−2
−2
−8
−2
−4
ID = −1 A
Common source
Tc
= 25°C
Pulse test
10
0.1
3
−0.1
−0.5
−3
−10
Common source
VDS = −10 V
Pulse test
1
5
0.3
0.5
−1
−0.3
−5
Tc
= −55°C
100
25
0.1
−0.01
1
10
−0.1
−1
−10
0.5
5
−0.03
−0.3
−3
0.3
3
Common source
Tc
= 25°C
VGS = 10 V
Pulse test


Número de pieza similar - 2SJ610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
   Switching Regulator
2SJ610 TOSHIBA-2SJ610 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
More results

Descripción similar - 2SJ610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com