Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SG00FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7SG00FE
Descripción Electrónicos  2 Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG00FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SG00FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SG00FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SG00FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SG00FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SG00FE Datasheet HTML 5Page - Toshiba Semiconductor TC7SG00FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SG00FE
2007-11-01
3
DC Electrical Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
VCC
VCC
1.1~1.3
VCC
× 0.7
VCC
× 0.7
1.4~1.6
VCC
× 0.65
VCC
× 0.65
1.65~1.95
VCC
× 0.65
VCC
× 0.65
2.3~2.7
1.7
1.7
High-level
input voltage
VIH
3.0~3.6
2.0
2.0
V
0.9
GND
GND
1.1~1.3
VCC
× 0.3
VCC
× 0.3
1.4~1.6
VCC
× 0.35
VCC
× 0.35
1.65~1.95
VCC
× 0.35
VCC
× 0.35
2.3~2.7
0.7
0.7
Low-level
input voltage
VIL
3.0~3.6
0.8
0.8
V
IOH =−0.02 mA
0.9
0.75
0.75
IOH = −0.3 mA
1.1~1.3
VCC
× 0.75
VCC
× 0.75
IOH = −1.7 mA
1.4~1.6
VCC
× 0.75
VCC
× 0.75
IOH = −3.0 mA
1.65~
1.95
VCC
-0.45
VCC
-0.45
IOH = −4.0 mA
2.3~2.7
2.0
2.0
High-level
output voltage
VOH
VIN = VIH
or VIL
IOH = −8.0 mA
3.0~3.6
2.48
2.48
V
IOL = 0.02 mA
0.9
0.1
0.1
IOL = 0.3 mA
1.1~1.3
VCC
× 0.25
VCC
× 0.25
IOL = 1.7 mA
1.4~1.6
VCC
× 0.25
VCC
× 0.25
IOL = 3.0 mA
1.65~
1.95
0.45
0.45
IOL = 4.0 mA
2.3~2.7
0.4
0.4
Low-level
output voltage
VOL
VIN = VIH
IOL = 8.0 mA
3.0~3.6
0.4
0.4
V
Input leakage
current
IIN
VIN = 0~5.5V
0~3.6
±0.1
±1.0
μA
Power off
leakage current
IOFF
VIN = 0~5.5V
VOUT = 0~3.6V
0
1.0
10.0
μA
Quiescent
supply current
ICC
VIN = VCC or GND
3.6
1.0
10.0
μΑ


Número de pieza similar - TC7SG00FE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SG00FE TOSHIBA-TC7SG00FE_09 Datasheet
170Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SG00FE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com