Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N135 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 6N135
Descripción Electrónicos  GaA?밃s Ired & Photo IC Digital Logic Isolation.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N135 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  6N135 Datasheet HTML 1Page - Toshiba Semiconductor 6N135 Datasheet HTML 2Page - Toshiba Semiconductor 6N135 Datasheet HTML 3Page - Toshiba Semiconductor 6N135 Datasheet HTML 4Page - Toshiba Semiconductor 6N135 Datasheet HTML 5Page - Toshiba Semiconductor 6N135 Datasheet HTML 6Page - Toshiba Semiconductor 6N135 Datasheet HTML 7Page - Toshiba Semiconductor 6N135 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6N135,6N136
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo IC
6N135, 6N136
Digital Logic Isolation.
Line Receiver.
Power Supply Control
Switching Power Supply
Transistor Inverter
The TOSHIBA 6N135 and 6N136 consists of a high emitting diode and a
one chip photo diode−transistor.
Each unit is 8−lead DIP package.
• Isolation voltage: 2500Vrms (min.)
• High speed: tpHL, tpLH = 0.5μs (typ.) (RL = 1.9kΩ)
• TTL compatible
• If base pin is open, output signal will be noisy by environmental
condition. For this base, TLP550 is suitable
• UL recognized: UL1577, file no. E67349
Unit in mm
TOSHIBA
11−10C4
Weight: 0.54g
Pin Configurations
8 VCC
6 VO
7 VB
5 GND
ICC
IB
IO
IF
IF
VF
2
3
1 : N.C.
2 : ANODE
3 : CATHODE
4 : N.C.
5 : EMITTER
6 : COLLECTOR
7 : BASE, ANODE
8 : CATHODE
8
7
6
5
1
2
3
4
8


Número de pieza similar - 6N135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
logo
Texas Instruments
6N135 TI-6N135 Datasheet
155Kb / 1P
[Old version datasheet]   OPTOCOUPLERS/OPTOISOLATORS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135 Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
6N135 ETC1-6N135 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
More results

Descripción similar - 6N135

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com