Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ACT253 Datasheet(PDF) 6 Page - Fairchild Semiconductor |
|
74ACT253 Datasheet(HTML) 6 Page - Fairchild Semiconductor |
6 / 12 page ©1988 Fairchild Semiconductor Corporation www.fairchildsemi.com 74AC253, 74ACT253 Rev. 1.5 6 DC Electrical Characteristics for ACT Notes: 4. All outputs loaded; thresholds on input associated with output under test. 5. Maximum test duration 2.0ms, one output loaded at a time. Symbol Parameter VCC (V) Conditions TA = +25°C TA = –40°C to +85°C Units Typ. Guaranteed Limits VIH Minimum HIGH Level Input Voltage 4.5 VOUT = 0.1V or VCC – 0.1V 1.5 2.0 2.0 V 5.5 1.5 2.0 2.0 VIL Maximum LOW Level Input Voltage 4.5 VOUT = 0.1V or VCC – 0.1V 1.5 0.8 0.8 V 5.5 1.5 0.8 0.8 VOH Minimum HIGH Level Output Voltage 4.5 IOUT = –50µA 4.49 4.4 4.4 V 5.5 5.49 5.4 5.4 VIN = VIL or VIH: 4.5 IOH = –24mA 3.86 3.76 5.5 IOH = –24mA (4) 4.86 4.76 VOL Maximum LOW Level Output Voltage 4.5 IOUT = 50µA 0.001 0.1 0.1 V 5.5 0.001 0.1 0.1 VIN = VIL or VIH: 4.5 IOL= 24mA 0.36 0.44 5.5 IOL = 24mA (4) 0.36 0.44 IIN Maximum Input Leakage Current 5.5 VI = VCC, GND ±0.1 ±1.0 µA IOZ Maximum 3-STATE Current 5.5 VI = VIL, VIH; VO = VCC, GND ±0.25 ±2.5 µA ICCT Maximum ICC/Input 5.5 VI = VCC – 2.1V 0.6 1.5 mA IOLD Minimum Dynamic Output Current(5) 5.5 VOLD = 1.65V Max. 75 mA IOHD 5.5 VOHD = 3.85V Min. –75 mA ICC Maximum Quiescent Supply Current 5.5 VIN = VCC or GND 4.0 40.0 µA |
Número de pieza similar - 74ACT253 |
|
Descripción similar - 74ACT253 |