Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7SGU04AFS Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC7SGU04AFS Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 6 page TC7SGU04AFS 2007-11-01 2 Truth Table IEC Logic Symbol A Y L H H L Operating Ranges Characteristics Symbol Value Unit Power supply voltage VCC 0.9~3.6 V Input voltage VIN 0~3.6 V Output voltage VOUT 0~VCC V ±8.0 (Note 2) ±4.0 (Note 3) ±3.0 (Note 4) ±1.7 (Note 5) ±0.3 (Note 6) Output Current IOH/IOL ±0.02 (Note 7) mA Operating temperature Topr −40~85 °C Note 2: VCC = 3.0~3.6 V Note 3: VCC = 2.3~2.7 V Note 4: VCC = 1.65~1.95 V Note 5: VCC = 1.4~1.6 V Note 6: VCC = 1.1~1.3 V Note 7: VCC = 0.9 V IN A 1 OUT Y |
Número de pieza similar - TC7SGU04AFS |
|
Descripción similar - TC7SGU04AFS |