Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7WG74FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7WG74FU
Descripción Electrónicos  CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG74FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WG74FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 7Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 8Page - Toshiba Semiconductor TC7WG74FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC7WG74FU/FK
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WG74FU,TC7WG74FK
D-Type Flip Flop with Preset and Clear
Features
• High-speed
: fMAX = 246 MHz (Typ.)
at VCC = 3 V, CL=15pF
• High-level output current: : IOH/IOL = ±8 mA (min)
at VCC = 3 V
• Operation voltage range
: VCC(opr)=0.9~3.6V
• 5.5-V tolerant inputs
• 3.6-V power down protection outputs
Marking
Absolute Maximum Ratings
Pin Assignment (top view)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1:
VCC = 0V
Note 2:
High or Low State. IOUT absolute maximum rating must be observed.
Note 3:
VOUT < GND
TC7WG74FU
TC7WG74FK
Weight
SSOP8-P-0.65 : 0.02 g (typ.)
SSOP8-P-0.50A : 0.01 g (typ.)
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~7.0
V
−0.5~4.6 (Note 1)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20 (Note 3)
mA
DC output current
IOUT
±25
mA
DC VCC / ground current
ICC
±100
mA
Power dissipation
PD
300 (SM8)
200 (US8)
mW
Storage temperature
Tstg
−65~150
°C
SM8
US8
Product name
G 74
Lot No.
WG
74
D 2
Q
3
8
5
VCC
Q
GND 4
7 PR
6 CLR
1
CK
D
CLR
PR
Q
CK
Q


Número de pieza similar - TC7WG74FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WG74FU TOSHIBA-TC7WG74FU_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
More results

Descripción similar - TC7WG74FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WG74FC TOSHIBA-TC7WG74FC Datasheet
179Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
logo
KEC(Korea Electronics)
KIC7WZ74FK KEC-KIC7WZ74FK Datasheet
46Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
KIC7W74FK KEC-KIC7W74FK Datasheet
315Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(D-TYPE FLIP FLOP WITH PRESET AND CLEAR)
logo
Toshiba Semiconductor
TC7WH74FC TOSHIBA-TC7WH74FC Datasheet
148Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic D-Type Flip Flop with Preset and Clear
TC74HC74AP TOSHIBA-TC74HC74AP_07 Datasheet
312Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
TC74ACT74P TOSHIBA-TC74ACT74P_07 Datasheet
274Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74AC74F TOSHIBA-TC74AC74F_07 Datasheet
275Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop with Preset and Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com