Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SZ32AFE Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7SZ32AFE
Descripción Electrónicos  2 Input OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ32AFE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SZ32AFE_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ32AFE_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ32AFE_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ32AFE_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ32AFE_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC7SZ32AFE
2007-11-01
3
AC Characteristics (input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test
Circuit
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
2.0
4.6
10.0
2.0
10.5
2.5
± 0.2
0.8
3.0
7.0
0.8
7.5
3.3
± 0.3
0.5
2.4
4.7
0.5
5.0
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
1.9
4.1
0.5
4.4
3.3
± 0.3
1.5
3.0
5.2
1.5
5.5
Propagation delay
time
tPLH
tPHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.4
4.5
0.8
4.8
ns
Input capacitance
CIN
0-5.5
4
pF
3.3
19
Power dissipation
capacitance
CPD
(Note)
5.5
27
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation.
ICC (opr) = CPD・VCC・fIN + ICC
Marking
Pin Assignment (top view)
Truth Table
Logic Diagram
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
H


Número de pieza similar - TC7SZ32AFE_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ32AFE TOSHIBA-TC7SZ32AFE Datasheet
150Kb / 4P
   2 INPUT OR GATE
More results

Descripción similar - TC7SZ32AFE_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com