Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SZ86FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7SZ86FU
Descripción Electrónicos  EXCLUSIVE OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ86FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ86FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ86FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ86F/FU
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
2.0
5.7
11.5
2.0
12.0
2.5
± 0.2
0.8
3.8
8.0
0.8
8.5
3.3
± 0.3
0.5
3.0
5.7
0.5
6.0
CL = 15 pF,
RL = 1 MΩ
5.0
± 0.5
0.5
2.4
5.0
0.5
5.4
3.3
± 0.3
1.2
3.5
6.2
1.5
6.5
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
5.0
± 0.5
0.8
2.9
5.4
1.0
5.8
ns
Input capacitance
CIN
0~5.5
4
pF
3.3
21
Power dissipation capacitance
CPD
(Note 4)
5.5
24
pF
Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC


Número de pieza similar - TC7SZ86FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ86FU TOSHIBA-TC7SZ86FU Datasheet
174Kb / 7P
   2-Input EXCLUSIVE OR Gate
More results

Descripción similar - TC7SZ86FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
   EXCLUSIVE OR GATE
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
   EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FS TOSHIBA-TC7SH86FS Datasheet
175Kb / 6P
   EXCLUSIVE OR GATE
TC4S30F TOSHIBA-TC4S30F_01 Datasheet
193Kb / 5P
   EXCLUSIVE-OR GATE
TC4S30F TOSHIBA-TC4S30F Datasheet
171Kb / 4P
   EXCLUSIVE-OR GATE
TC7SH86F TOSHIBA-TC7SH86F Datasheet
198Kb / 5P
   EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com