Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9WMA2FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC9WMA2FK
Descripción Electrónicos  CMOS Digital Integrated Circuits Silicon Monolithic 2,048-Bit (256 횞 8 Bit) Serial E2PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMA2FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC9WMA2FK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMA2FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TC9WMA2FK
2007-10-19
2
Block Diagram
Pin Function
Pin Name
Input/Output
Function
CS
Input
Chip select
A low on
CS selects the chip. Always return CS high temporarily before
executing instructions.
CLK
Input
Clock input
The data on DI is latched by a rising edge of CLK . Data is output to DO by a falling
edge of CLK . CLK is effective when CS is low.
DI
Input
Serial data input
This pin is used to enter addresses, commands, and data into the chip.
DO
Output
Serial data output
This pin outputs data from the chip.
RST
Input
Reset input
A low on this input resets the chip.
NC
No connection (not connected internally)
VCC
1.8 V~5.5 V (for reading)
2.3~5.5 V (for writing)
GND
Power supply
0 V (GND)
Control
circuit
Address
decoder
Power supply
(booster circuit)
Memory cell
Data register
Timing
generator
Address
register
Chip select
Input/Output
circuit
Clock input
Data Input DI
Data Output DO
VCC Power supply
Reset input
GND Ground
Command
register
RST
CLK
CS


Número de pieza similar - TC9WMA2FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9WMA1FK TOSHIBA-TC9WMA1FK Datasheet
189Kb / 12P
   TOSHIBA CMOS Digital Integrated Circuits Silicon Monolithic
More results

Descripción similar - TC9WMA2FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9WMB4FU TOSHIBA-TC9WMB4FU Datasheet
262Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic 4096-Bit (512 횞 8-Bit) 2-Wire Serial EEPROM
TC58NYG1S3EBAI5 TOSHIBA-TC58NYG1S3EBAI5 Datasheet
489Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 2 GBIT (256M 횞 8 BIT) CMOS NAND E2PROM
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HC688AP TOSHIBA-TC74HC688AP_07 Datasheet
290Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
TH58NVG5S0FTA20 TOSHIBA-TH58NVG5S0FTA20 Datasheet
677Kb / 73P
   32 GBIT (4G 횞 8 BIT) CMOS NAND E2PROM
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
   CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
logo
Catalyst Semiconductor
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com