Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC59LM906AMG-37 Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TC59LM906AMG-37
Descripción Electrónicos  MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM906AMG-37 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC59LM906AMG-37 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 12Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 13Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 14Page - Toshiba Semiconductor TC59LM906AMG-37 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
TC59LM914/06AMG-37,-50
2004-08-20
11/59
Rev 1.0
AC TEST CONDITIONS
SYMBOL
PARAMETER
VALUE
UNIT
NOTES
VIH (min)
Input High Voltage (minimum)
VREF + 0.2
V
VIL (max)
Input Low Voltage (maximum)
VREF − 0.2
V
VREF
Input Reference Voltage
VDDQ/2
V
VTT
Termination Voltage
VREF
V
VSWING
Input Signal Peak to Peak Swing
0.7
V
Vr
Differential Clock Input Reference Level
VX (AC)
V
VID (AC)
Input Differential Voltage
1.0
V
SLEW
Input Signal Minimum Slew Rate
2.5
V/ns
VOTR
Output Timing Measurement Reference Voltage
VDDQ/2
V
9
Note:
(1)
Transition times are measured between VIH min (DC) and VIL max (DC).
Transition (rise and fall) of input signals have a fixed slope.
(2)
If the result of nominal calculation with regard to tCK contains more than one decimal place, the result is
rounded up to the nearest decimal place.
(i.e., tDQSS = 0.75 × tCK, tCK = 5 ns, 0.75 × 5 ns = 3.75 ns is rounded up to 3.8 ns.)
(3)
These parameters are measured from the differential clock (CLK and CLK ) AC cross point.
(4)
These parameters are measured from signal transition point of DQS crossing VREF level.
In case of DQS enable mode, these parameters are measured from the crossing point of DQS and DQS .
(5)
The tREFI (max) applies to equally distributed refresh method.
The tREFI (min) applies to both burst refresh method and distributed refresh method.
In such case, the average interval of eight consecutive Auto-Refresh commands has to be more than 400 ns
always. In other words, the number of Auto-Refresh cycles which can be performed within 3.2
µs (8 × 400 ns)
is to 8 times in the maximum.
(6)
Low Impedance State is specified at VDDQ/2 ± 0.2 V from steady state.
(7)
High Impedance State is specified where output buffer is no longer driven.
(8)
These parameters depend on the clock jitter. These parameters are measured at stable clock.
(9)
Output timing is measured by using Normal driver strength at VDDQ = 1.7V∼1.9V.
Output timing is measured by using Strong driver strength at VDDQ = 1.4V∼1.6V.
(10)
These parameters are measured at tCK = minimum∼6.0ns. When tCK is longer than 6.0ns, these parameters
are specified as below for all Speed version
tCKQS (MIN/MAX) = −0.6ns / 0.6ns, tAC (MIN/MAX) = −0.65ns / 0.65ns
SLEW
= (VIH min (AC) − VIL max (AC))/∆T
VIH min (AC)
∆T
VREF
VIL max (AC)
VSWING
∆T
VSS
VDDQ
AC Test Load
Measurement point
Output
VTT
25


Número de pieza similar - TC59LM906AMG-37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Descripción similar - TC59LM906AMG-37

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC59LM913AMG-50 TOSHIBA-TC59LM913AMG-50 Datasheet
500Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM836DKG-30 TOSHIBA-TC59LM836DKG-30 Datasheet
841Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC59LM913AMB-50 TOSHIBA-TC59LM913AMB-50 Datasheet
506Kb / 46P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74AC164P TOSHIBA-TC74AC164P Datasheet
296Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374P TOSHIBA-TC74ACT374P Datasheet
289Kb / 7P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC40H000P TOSHIBA-TC40H000P Datasheet
145Kb / 3P
   C²MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC59LM836DKB-30 TOSHIBA-TC59LM836DKB-30 Datasheet
833Kb / 65P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com